Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS33 Datasheet (PDF) - Texas Instruments

SN65LVDS33 Datasheet PDF - Texas Instruments
Part # SN65LVDS33
Download  SN65LVDS33 Download
File Size   685.33 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL RECEIVERS

SN65LVDS33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDS33 Datasheet PDF - Texas Instruments

Part # SN65LVDS33
Download  SN65LVDS33 Click to download

File Size   685.33 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL RECEIVERS

SN65LVDS33 Datasheet (HTML) - Texas Instruments


SN65LVDS33 Product details

1FEATURES
• 400-Mbps Signaling Rate(1) and 200-Mxfr/s
Data Transfer Rate
• Operates With a Single 3.3-V Supply
• -4 V to 5 V Common-Mode Input Voltage
Range
• Differential Input Thresholds <±50 mV With 50
mV of Hysteresis Over Entire Common-Mode
Input Voltage Range
• Integrated 110-Ω Line Termination Resistors
On LVDT Products
• TSSOP Packaging (33 Only)
• Complies With TIA/EIA-644 (LVDS)
• Active Failsafe Assures a High-Level Output
With No Input
• Bus-Pin ESD Protection Exceeds 15 kV HBM
• Input Remains High-Impedance on Power
Down
• TTL Inputs Are 5 V Tolerant
• Pin-Compatible With the AM26LS32,
SN65LVDS32B, μA9637, SN65LVDS9637B

DESCRIPTION
This family of four LVDS data line receivers offers the
widest common-mode input voltage range in the
industry. These receivers provide an input voltage
range specification compatible with a 5-V PECL
signal as well as an overall increased ground-noise
tolerance. They are in industry standard footprints
with integrated termination as an option.
Precise control of the differential input voltage
thresholds allows for inclusion of 50 mV of input
voltage hysteresis to improve noise rejection on
slowly changing input signals. The input thresholds
are still no more than ±50 mV over the full input
common-mode voltage range.
The high-speed switching of LVDS signals usually
necessitates the use of a line impedance matching
resistor at the receiving-end of the cable or transmission media. The SN65LVDT series of
receivers eliminates this external resistor by
integrating it with the receiver. The nonterminated
SN65LVDS series is also available for multidrop or
other termination circuits.




Similar Part No. - SN65LVDS33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
HIGH SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
530Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVER
SN65LVDS33D TI-SN65LVDS33D Datasheet
530Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33DG4 TI-SN65LVDS33DG4 Datasheet
530Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVERS
More results


Similar Description - SN65LVDS33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
HIGH SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
HIGH-SPEED DIFFERENTIAL RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com