Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2321918-2 Datasheet (PDF) - TE Connectivity Ltd

2321918-2 Datasheet PDF - TE Connectivity Ltd
Part # 2321918-2
Download  2321918-2 Download
File Size   2031.73 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 2.5MM SEALED SIGNAL DOUBLE LOCK CONNECTORS

2321918-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2321918-2 Datasheet PDF - TE Connectivity Ltd

Part # 2321918-2
Download  2321918-2 Click to download

File Size   2031.73 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 2.5MM SEALED SIGNAL DOUBLE LOCK CONNECTORS

2321918-2 Datasheet (HTML) - TE Connectivity Ltd


2321918-2 Product details

PRODUCT DESCRIPTION
Our new 2.5mm Sealed Signal Double Lock connectors offers secondary locking safety combined with first in class IP67 rated sealing protection. Designed with a space-saving 2.5mm centerline to meet the needs of today's smaller designs, our next generation 2.5mm Sealed Signal Double Lock connectors offer robust seals that can help to enable reliable performance in water related or high humidty environments.
These connectors are available in panel mount and free hanging configurations to provide flexible design options for a broad range of applications. Contacts are on a miniature 2.5mm centerline spacing and accept 26-22 AWG wire. Rated up to 3 amps max. per line, our solution includes features that are designed to help ease manual assembly including a snag-proof latch, polarized terminals, and an optional TPA. Cap and plug housings meet Glow Wire Test (750°C, no flame) and UL 94 V-0 requirements to meet global industry safety standards.

APPLICATIONS
•Major Home Appliances: refrigeration, laundry (washing machines and dryers), water heaters, cooking (range hoods)
•Small Home Appliances: water purifiers, humidifiers, rice cookers
•Industrial: refrigeration
•Power cords
•Lighting: outdoor and industrial
•Personal Health Care: smart toilet seats
•Lawn and Garden: outdoor tools (lawn mowers and sprinkler system interfaces)
•Automotive: battery chargers

KEY FEATURES
•IP67 rated protection against water and dust
•Contacts are on a miniature 2.5mm centerline to provide a compact design solution
•3 amps max. current rating, and 250 VAC voltage rating
•UL94-V0 and Glow Wire Test (750°C, no flame) to meet global industry safety standards
•Snag-proof latch provides for ease of assembly
•Optional TPA's (Terminal Position Assurance) help to ensure proper assembly
•Polarized lance-less terminals to prevent incorrect insertion reducing assembly errors




Similar Part No. - 2321918-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2321918 TEC-2321918 Datasheet
561Kb / 9P
Waterproof Signal Double Lock Connector System
More results


Similar Description - 2321918-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
TE Connectivity Ltd
114-143067 TEC-114-143067 Datasheet
561Kb / 9P
Waterproof Signal Double Lock Connector System
logo
CnC Tech, LLC
53025-XX CNC-53025-XX Datasheet
62Kb / 1P
WIRE-TO BOARD HOUSING, 2.5mm, SIDE LOCK
17-nov-2020
54025-XX CNC-54025-XX Datasheet
122Kb / 1P
2.5mm Power Housing Double Rows
17-nov-2020
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com