Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT657ADW Datasheet (PDF) - Texas Instruments

SN74ABT657ADW Datasheet PDF - Texas Instruments
Part # SN74ABT657ADW
Download  SN74ABT657ADW Download
File Size   277.76 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS

SN74ABT657ADW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ABT657ADW Datasheet PDF - Texas Instruments

Part # SN74ABT657ADW
Download  SN74ABT657ADW Click to download

File Size   277.76 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS

SN74ABT657ADW Datasheet (HTML) - Texas Instruments


SN74ABT657ADW Product details

State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
High-Impedance State During Power Up
and Power Down
Flow-Through Architecture Optimizes PCB
Layout
High-Drive Outputs (–32-mA IOH, 64-mA IOL)
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Plastic (NT) and
Ceramic (JT) DIPs

description
Th ABT657A transceivers have eight
noninverting buffers with parity-generator/
checker circuits and control signals. The
transmit/receive (T/R) input determines the
direction of data flow. When T/R is high, data flows
from the A port to the B port (transmit mode); when
T/R is low, data flows from the B port to the A port
(receive mode). When the output-enable (OE)
input is high, both the A and B ports are in the
high-impedance state.
Odd or even parity is selected by a logic high or
low level on the ODD/EVEN input. PARITY carries
the parity-bit value; it is an output from the parity
generator/checker in the transmit mode and an
input to the parity generator/checker in the receive
mode.
In the transmit mode, after the A bus is polled to determine the number of high bits, PARITY is set to the logic
level that maintains the parity sense selected by the level at ODD/EVEN. For example, if ODD/EVEN is low
(even parity selected) and there are five high bits on the A bus, PARITY is set to the logic high level so that an
even number of the nine total bits (eight A-bus bits plus parity bit) are high.
In the receive mode, after the B bus is polled to determine the number of high bits, the error (ERR) output logic
level indicates whether or not the data to be received exhibits the correct parity sense. For example, if
ODD/EVEN is high (odd parity selected), PARITY is high, and there are three high bits on the B bus, ERR is
low, indicating a parity error.




Similar Part No. - SN74ABT657ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT657ADW TI-SN74ABT657ADW Datasheet
159Kb / 9P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN74ABT657ADW TI1-SN74ABT657ADW Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN74ABT657ADWE4 TI1-SN74ABT657ADWE4 Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN74ABT657ADWG4 TI1-SN74ABT657ADWG4 Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN74ABT657ADWR TI1-SN74ABT657ADWR Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results


Similar Description - SN74ABT657ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16657 TI-SN54ABT16657 Datasheet
183Kb / 10P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI-SN54ABT657A Datasheet
159Kb / 9P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54ABT16657 TI-SN54ABT16657_08 Datasheet
355Kb / 12P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
54ACT16657 TI1-54ACT16657_08 Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI1-SN54ABT657A_09 Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com