Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC240 Datasheet (PDF) - Texas Instruments

SN54AHC240 Datasheet PDF - Texas Instruments
Part # SN54AHC240
Download  SN54AHC240 Download
File Size   704.05 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC240-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs

SN54AHC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHC240 Datasheet PDF - Texas Instruments

Part # SN54AHC240
Download  SN54AHC240 Click to download

File Size   704.05 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC240-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs

SN54AHC240 Datasheet (HTML) - Texas Instruments


SN54AHC240 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Operating range 2V to 5.5V VCC
• Low delay, 6ns typ (25°C, 5V)
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Handset: smartphone
• Network switch
• Health fitness and wearables

3 Description
These octal buffers/drivers are designed specifically
to improve the performance and density of 3-state
memory-address drivers, clock drivers, and busoriented
receivers and transmitters.




Similar Part No. - SN54AHC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC240 TI-SN54AHC240 Datasheet
573Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC240 TI-SN54AHC240 Datasheet
716Kb / 20P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC240 TI-SN54AHC240 Datasheet
746Kb / 20P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC240 TI1-SN54AHC240 Datasheet
704Kb / 18P
SN74AHC240-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
DECEMBER 2024
SN54AHC240 TI2-SN54AHC240 Datasheet
2Mb / 38P
SNx4AHC240 Octal Buffers/Drivers With 3-State Outputs
REVISED AUGUST 2024
More results


Similar Description - SN54AHC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-Q1 TI-SN74LV244A-Q1 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers with 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V01 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V01 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V02 Datasheet
1Mb / 24P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V03 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V02 Datasheet
1Mb / 26P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
SN74LV541A-Q1 TI-SN74LV541A-Q1_V04 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com