Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHCT138 Datasheet (PDF) - Texas Instruments

SN54AHCT138 Datasheet PDF - Texas Instruments
Part # SN54AHCT138
Download  SN54AHCT138 Download
File Size   241.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-LINE TO 8-LINE DECODER/DEMULTIPLEXER

SN54AHCT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHCT138 Datasheet PDF - Texas Instruments

Part # SN54AHCT138
Download  SN54AHCT138 Click to download

File Size   241.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-LINE TO 8-LINE DECODER/DEMULTIPLEXER

SN54AHCT138 Datasheet (HTML) - Texas Instruments


SN54AHCT138 Product details

Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
–55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
EPIC (Enhanced-Performance Implanted
CMOS) Process
Inputs Are TTL-Voltage Compatible
Designed Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
Incorporates Three Enable Inputs to
Simplify Cascading and/or Data Reception
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds 2000 V Per
MIL-STD-833, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)

description/ordering information
The SN74AHCT138 3-line to 8-line decoder/demultiplexer is designed to be used in high-performance
memory-decoding and data-routing applications that require very short propagation-delay times. In
high-performance memory systems, this decoder can be used to minimize the effects of system decoding.
When employed with high-speed memories utilizing a fast enable circuit, the delay times of this decoder and
the enable time of the memory usually are less than the typical access time of the memory. This means that
the effective system delay introduced by the decoder is negligible.
The conditions at the binary-select inputs and the three enable inputs select one of eight output lines. Two
active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding.
A 24-line decoder can be implemented without external inverters and a 32-line decoder requires only one
inverter. An enable input can be used as a data input for demultiplexing applications.




Similar Part No. - SN54AHCT138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT138 TI-SN54AHCT138 Datasheet
125Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54AHCT138 TI-SN54AHCT138 Datasheet
667Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54AHCT138 TI-SN54AHCT138 Datasheet
1Mb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54AHCT138 TI-SN54AHCT138 Datasheet
1Mb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54AHCT138FK TI-SN54AHCT138FK Datasheet
125Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Similar Description - SN54AHCT138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT Datasheet
867Kb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com