Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT132TRAN Datasheet (PDF) - Howard Butler Ltd

CT132TRAN Datasheet PDF - Howard Butler Ltd
Part # CT132TRAN
Download  CT132TRAN Download
File Size   924.62 Kbytes
Page   1 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER

CT132TRAN Datasheet (PDF)

Go To PDF Page Download Datasheet
CT132TRAN Datasheet PDF - Howard Butler Ltd

Part # CT132TRAN
Download  CT132TRAN Click to download

File Size   924.62 Kbytes
Page   1 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER

CT132TRAN Datasheet (HTML) - Howard Butler Ltd


CT132TRAN Product details

DESCRIPTION
A range of current sensors / current transducers available with 0-5V / 0-10V DC self powered output or 4-20mA loop powered output.

APPLICATION
For transforming low currents of 10A-150A AC into standard DC output signals.

FEATURES
• Built in seakable terminal covers
• Base or DIN rail mounting
• Customers selectable 0.5V / 10V DC output
• Small size
• High accuracy 0.5 all models




Similar Part No. - CT132TRAN

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT132SMF-09TJ CT-CT132SMF-09TJ Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT132SMF-10TJ CT-CT132SMF-10TJ Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT132SMF-11TJ CT-CT132SMF-11TJ Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT132SMF-12TJ CT-CT132SMF-12TJ Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
More results


Similar Description - CT132TRAN

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com