Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7W08FU Datasheet (PDF) - Toshiba Semiconductor

TC7W08FU Datasheet PDF - Toshiba Semiconductor
Part # TC7W08FU
Download  TC7W08FU Download
File Size   443.61 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual 2-Input AND Gate

TC7W08FU Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7W08FU Datasheet PDF - Toshiba Semiconductor

Part # TC7W08FU
Download  TC7W08FU Click to download

File Size   443.61 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual 2-Input AND Gate

TC7W08FU Datasheet (HTML) - Toshiba Semiconductor


TC7W08FU Product details

Features
• High Speed : tpd = 6ns (typ.) at VCC = 5V
• Low power dissipation : ICC = 1μA (max) at Ta = 25°C
• High noise immunity : VNIH = VNIL = 28% VCC (min)
• Output drive capability : 10 LSTTL Loads
• Symmetrical Output Impedance : |IOH| = IOL= 4mA (min)
• Balanced propagation delays : tpLH ≈ tpHL
• Wide operating voltage range : VCC = 2 to 6V




Similar Part No. - TC7W08FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08FU TOSHIBA-TC7W08FU Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7W08FU TOSHIBA-TC7W08FU Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
TC7W08FU TOSHIBA-TC7W08FU_09 Datasheet
220Kb / 8P
Dual 2-Input AND Gate
More results


Similar Description - TC7W08FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com