Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS166N.A Datasheet (PDF) - Texas Instruments

SN74ALS166N.A Datasheet PDF - Texas Instruments
Part # SN74ALS166N.A
Download  SN74ALS166N.A Download
File Size   728.78 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PARALLEL-LOAD 8-BIT SHIFT REGISTER

SN74ALS166N.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS166N.A Datasheet PDF - Texas Instruments

Part # SN74ALS166N.A
Download  SN74ALS166N.A Click to download

File Size   728.78 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PARALLEL-LOAD 8-BIT SHIFT REGISTER

SN74ALS166N.A Datasheet (HTML) - Texas Instruments


SN74ALS166N.A Product details

Synchronous Load
Direct Overriding Clear
Parallel-to-Serial Conversion
Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages and Standard Plastic (N) DIP

description
The SN74ALS166 parallel-load 8-bit shift register
is compatible with most other TTL logic families.
All inputs are buffered to lower the drive
requirements. Input clamping diodes minimize
switching transients and simplify system design.
These parallel-in or serial-in, serial-out registers have a complexity of 77 equivalent gates on the chip. They
feature gated clocks (CLK and CLK INH) inputs and an overriding clear (CLR) input. The parallel-in or serial-in
modes are established by the shift/load (SH/LD) input. When high, SH/LD enables the serial data (SER) input
and couples the eight flip-flops for serial shifting with each clock pulse. When low, the parallel (broadside) data
(A–H) inputs are enabled and synchronous loading occurs on the next clock pulse. During parallel loading, serial
data flow is inhibited. Clocking is accomplished on the low-to-high-level edge of the clock pulse through a
two-input positive-NOR gate, permitting one input to be used as a clock-enable or clock-inhibit function. Holding
either of the clock inputs high inhibits clocking; holding either low enables the other clock input. This allows the
system clock to be free running and the register can be stopped on command with the clock input. CLK INH
should be changed to the high level only when CLK is high. The buffered CLR overrides all other inputs, including
CLK, and sets all flip-flops to zero.
The SN74ALS166 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS166N.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS166N TI-SN74ALS166N Datasheet
344Kb / 11P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166N TI-SN74ALS166N Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166NE4 TI-SN74ALS166NE4 Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166NSR TI-SN74ALS166NSR Datasheet
344Kb / 11P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166NSR TI-SN74ALS166NSR Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Similar Description - SN74ALS166N.A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com