Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS561A Datasheet (PDF) - Texas Instruments

SN54ALS561A Datasheet PDF - Texas Instruments
Part # SN54ALS561A
Download  SN54ALS561A Download
File Size   315.95 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS

SN54ALS561A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ALS561A Datasheet PDF - Texas Instruments

Part # SN54ALS561A
Download  SN54ALS561A Click to download

File Size   315.95 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS

SN54ALS561A Datasheet (HTML) - Texas Instruments


SN54ALS561A Product details

Carry Output for n-Bit Cascading
Buffer-Type Outputs Drive Bus Lines
Directly
Choice of Asynchronous or Synchronous
Clearing and Loading
Internal Look-Ahead Circuitry for Fast
Cascading
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs

description
These binary counters are programmable and
offer synchronous and asynchronous clearing as
well as synchronous and asynchronous loading.
All synchronous functions are executed on the
positive-going edge of the clock.
The clear function is initiated by applying a low
level to either asynchronous clear (ACLR) or
synchronous clear (SCLR). ACLR (direct clear)
overrides all other functions of the device, while
SCLR overrides only the other synchronous
functions. Data is loaded from the A, B, C, and D
inputs by applying a low level to asynchronous
load (ALOAD) or by the combination of a low level
at synchronous load (SLOAD) and a
positive-going clock transition. The counting
function is enabled only when enable P (ENP),
enable T (ENT), ACLR, ALOAD, SCLR, and
SLOAD are all high.
A high level at the output-enable (OE) input forces the Q outputs into the high-impedance state, and a low level
enables those outputs. Counting is independent of OE. ENT is fed forward to enable the ripple-carry output
(RCO) to produce a high-level pulse while the count is maximum (15). The clocked carry output (CCO) produces
a high-level pulse for a duration equal to that of the low level of the clock when RCO is high and the counter is
enabled (ENP and ENT are high); otherwise, CCO is low. CCO does not have the glitches commonly associated
with a ripple-carry output. Cascading is normally accomplished by connecting RCO or CCO of the first counter
to ENT of the next counter. However, for very high-speed counting, RCO should be used for cascading because
CCO does not become active until the clock returns to the low level.
The SN54ALS561A is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74ALS561A is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54ALS561A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN54ALS561A TI1-SN54ALS561A Datasheet
310Kb / 13P
SYNCHRONOUS 4-BIT COUNTERS
SN54ALS561AFK TI-SN54ALS561AFK Datasheet
154Kb / 9P
SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN54ALS561AJ TI-SN54ALS561AJ Datasheet
154Kb / 9P
SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
SYNCHRONOUS 4-BIT COUNTERS
More results


Similar Description - SN54ALS561A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
Synchronous 4-Bit Counters
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI-SN54160 Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN54ALS569A TI-SN54ALS569A Datasheet
610Kb / 20P
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54ALS569A TI-SN54ALS569A_08 Datasheet
868Kb / 23P
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com