Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS638A Datasheet (PDF) - Texas Instruments

SN74ALS638A Datasheet PDF - Texas Instruments
Part # SN74ALS638A
Download  SN74ALS638A Download
File Size   602.69 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS

SN74ALS638A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS638A Datasheet PDF - Texas Instruments

Part # SN74ALS638A
Download  SN74ALS638A Click to download

File Size   602.69 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS

SN74ALS638A Datasheet (HTML) - Texas Instruments


SN74ALS638A Product details

Bidirectional Bus Transceivers in
High-Density 20-Pin Packages
Choice of True or Inverting Logic
A-Bus Outputs Are Open Collector;
B-Bus Outputs Are 3 State
Package Options Include Plastic
Small-Outline (DW) Packages and
Standard Plastic (N) 300-mil DIPs

description
These octal bus transceivers are designed for asynchronous two-way communication between open-collector
and 3-state buses. The devices transmit data from the A bus (open-collector) to the B bus (3 state) or from the
B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input
can be used to disable the device so the buses are isolated.
The -1 version of SN74ALS638A is identical to the standard version, except that the recommended maximum
IOL is increased to 48 mA.
The SN74ALS638A, SN74ALS639A, SN74AS638A, and SN74AS639 are characterized for operation from 0°C
to 70°C.




Similar Part No. - SN74ALS638A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
OCTAL BUS TRANSCEIVERS
SN74ALS638A TI1-SN74ALS638A Datasheet
1Mb / 16P
OCTAL BUS TRANSCEIVERS
SN74ALS638A-1 TI1-SN74ALS638A-1 Datasheet
1Mb / 16P
OCTAL BUS TRANSCEIVERS
SN74ALS638A-1N TI1-SN74ALS638A-1N Datasheet
1Mb / 16P
OCTAL BUS TRANSCEIVERS
SN74ALS638ADW TI-SN74ALS638ADW Datasheet
115Kb / 7P
OCTAL BUS TRANSCEIVERS
More results


Similar Description - SN74ALS638A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
Octal Bus Transceivers
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
OCTAL BUS TRANSCEIVERS
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
OCTAL BUS TRANSCEIVERS
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
OCTAL BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com