Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC08-Q1 Datasheet (PDF) - Texas Instruments

SN74ALVC08-Q1 Datasheet PDF - Texas Instruments
Part # SN74ALVC08-Q1
Download  SN74ALVC08-Q1 Download
File Size   335.55 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-AND GATE

SN74ALVC08-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVC08-Q1 Datasheet PDF - Texas Instruments

Part # SN74ALVC08-Q1
Download  SN74ALVC08-Q1 Click to download

File Size   335.55 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-AND GATE

SN74ALVC08-Q1 Datasheet (HTML) - Texas Instruments


SN74ALVC08-Q1 Product details

Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Operates From 1.65 V to 3.6 V
Max tpd of 2.9 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Latch-Up Performance Exceeds 250 mA Per
JESD 17

description/ordering information
The SN74ALVC08 quadruple 2-input positive-AND gate is designed for 1.65-V to 3.6-V VCC operation.
The device performs the Boolean function Y  A • B or Y  AB in positive logic.




Similar Part No. - SN74ALVC08-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC08-Q1 TI-SN74ALVC08-Q1 Datasheet
182Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08-Q1 TI1-SN74ALVC08-Q1 Datasheet
770Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08-Q1 TI1-SN74ALVC08-Q1_15 Datasheet
770Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Similar Description - SN74ALVC08-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08 Datasheet
575Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com