Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFB122 Datasheet (PDF) - Axiomtek Co., Ltd.

IFB122 Datasheet PDF - Axiomtek Co., Ltd.
Part # IFB122
Download  IFB122 Download
File Size   326.64 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 2 COM, 2 LANs and DIO (2-in/1-out)

IFB122 Datasheet (PDF)

Go To PDF Page Download Datasheet
IFB122 Datasheet PDF - Axiomtek Co., Ltd.

Part # IFB122
Download  IFB122 Click to download

File Size   326.64 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 2 COM, 2 LANs and DIO (2-in/1-out)

IFB122 Datasheet (HTML) - Axiomtek Co., Ltd.


IFB122 Product details

Features
● RISC-based (i.MX 6UltraLite) processor 528 MHz
● 256MB DDR3 SDRAM onboard
● 8GB eMMC flash onboard
● 1 PCI Express Mini Card slot (Wi-Fi or 3G/4G)
● 2 digital inputs and 1 digital output
● Power input range of 9V to 48V DC with terminal block
● Embedded embedded Linux operating system (Yocto)
● Fanless and compact design
● Wide operating temperature range from -40°C to +70°C




Similar Part No. - IFB122

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFB122 AXIOMTEK-IFB122 Datasheet
297Kb / 2P
RISC-based (i.MX 6UltraLite) processor 528 MHz
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
More results


Similar Description - IFB122

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX610 AXIOMTEK-RBOX610 Datasheet
401Kb / 2P
Robust Din-rail Fanless Embedded System with RISC-based (iMX-287) Processor 4 COM, 2 CAN Bus and DIO
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
ICO300-E3815-WT AXIOMTEK-ICO300-E3815-WT Datasheet
347Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Atom??Processor E3815/E3827, 4 COM, 2 LANs, DIO and RTC
ICO310-N3160-PB-DC AXIOMTEK-ICO310-N3160-PB-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3160-PB-PD-DC AXIOMTEK-ICO310-N3160-PB-PD-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
RBOX610 AXIOMTEK-RBOX610_17 Datasheet
365Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with iMX-287 Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
IRU151 AXIOMTEK-IRU151 Datasheet
337Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com