Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D00673 Datasheet (PDF) - Premier Farnell Limited.

D00673 Datasheet PDF - Premier Farnell Limited.
Part # D00673
Download  D00673 Download
File Size   127.08 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Digital Repair System Soldering Station

D00673 Datasheet (PDF)

Go To PDF Page Download Datasheet
D00673 Datasheet PDF - Premier Farnell Limited.

Part # D00673
Download  D00673 Click to download

File Size   127.08 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Digital Repair System Soldering Station

D00673 Datasheet (HTML) - Premier Farnell Limited.


D00673 Product details

Features:
• Especially designed for lead-free soldering
• Heating up from the room temperature to 350°C in 30 seconds
• Intelligent soldering : the power alter with the solder point. The
large range of the power can do a wonderful soldering even
the solder point is so big. Prevent bad connecting due to the
cold soldering
• Extraordinary heat energy compensation : the supernatural
speed of the temperature compensation can ensure the
temperature in peak performance at all times. It is very suitable
for lead free soldering and at the same time also an absolutely
necessarily tool in some special low temperature conditions
• Long life soldering tip : the soldering temperature lowed down
and the life of the soldering tip prolonged comparatively. The
quick heat and the static and precision temperature are for
soldering all of the component to sensitive temperature such
as QFP, PLCC, SOP and BGA




Similar Part No. - D00673

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00670 ETC2-D00670 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
logo
Premier Farnell Limited...
D00670 DURATOOL-D00670 Datasheet
465Kb / 3P
Soldering Station Temperature Controlled
08/04/15 V1.1
D00675 DURATOOL-D00675 Datasheet
207Kb / 1P
Soldering Station
20/06/19 V1.0
D00676 DURATOOL-D00676 Datasheet
207Kb / 1P
Soldering Station
20/06/19 V1.0
D00679 DURATOOL-D00679 Datasheet
148Kb / 1P
Fume Absorber
31/10/17 V1.0
More results


Similar Description - D00673

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
logo
OKI electronic componet...
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
Soldering and Rework System
logo
List of Unclassifed Man...
WX2021 ETC2-WX2021 Datasheet
46Kb / 1P
Weller High Powered Digital Soldering Station, 200W, 120 V W/WXMP WXMT
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
Molex Electronics Ltd.
62201-7800 MOLEX-62201-7800 Datasheet
1Mb / 5P
BMTP Repair Fixture
11-17-11
logo
Kendall Howard
5200-3-600-13 KENDALLHOWARD-5200-3-600-13 Datasheet
342Kb / 1P
LAN STATION RACKING SYSTEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com