Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS885DW.A Datasheet (PDF) - Texas Instruments

SN74AS885DW.A Datasheet PDF - Texas Instruments
Part # SN74AS885DW.A
Download  SN74AS885DW.A Download
File Size   364.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT MAGNITUDE COMPARATORS

SN74AS885DW.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS885DW.A Datasheet PDF - Texas Instruments

Part # SN74AS885DW.A
Download  SN74AS885DW.A Click to download

File Size   364.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT MAGNITUDE COMPARATORS

SN74AS885DW.A Datasheet (HTML) - Texas Instruments


SN74AS885DW.A Product details

Latchable P-Input Ports With Power-Up
Clear
Choice of Logical or Arithmetic
(Two’s Complement) Comparison
Data and PLE Inputs Utilize pnp Input
Transistors to Reduce dc Loading Effects
Approximately 35% Improvement in
ac Performance Over Schottky TTL While
Performing More Functions
Cascadable to n Bits While Maintaining
High Performance
10% Less Power Than STTL for an 8-Bit
Comparison
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs

description
These advanced Schottky devices are capable of
performing high-speed arithmetic or logic
comparisons on two 8-bit binary or two’s
complement words. Two fully decoded decisions
about words P and Q are externally available at
two outputs. These devices are fully expandable
to any number of bits without external gates. To
compare words of longer lengths, the P > QOUT
and P < QOUT outputs of a stage handling less
significant bits can be connected to the P > QIN
and P < QIN inputs of the next stage handling
more significant bits. The cascading paths are
implemented with only a two-gate-level delay to
reduce overall comparison times for long words.
Two alternative methods of cascading are shown
in application information.
The latch is transparent when P latch-enable
(PLE) input is high; the P-input port is latched
when PLE is low. This provides the designer with temporary storage for the P-data word. The enable circuitry
is implemented with minimal delay times to enhance performance when cascaded for longer words. The PLE,
P, and Q data inputs utilize pnp input transistors to reduce the low-level current input requirement to typically
–0.25 mA, which minimizes dc loading effects.
The SN54AS885 is characterized for operation over the full military temperature range of –55°C to 125°C. The
SN74AS885 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS885DW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS885DW TI-SN74AS885DW Datasheet
153Kb / 9P
8-BIT MAGNITUDE COMPARATORS
SN74AS885DW TI-SN74AS885DW Datasheet
497Kb / 18P
8-BIT MAGNITUDE COMPARATORS
SN74AS885DW TI1-SN74AS885DW Datasheet
367Kb / 15P
8-BIT MAGNITUDE COMPARATORS
SN74AS885DWE4 TI-SN74AS885DWE4 Datasheet
497Kb / 18P
8-BIT MAGNITUDE COMPARATORS
SN74AS885DWG4 TI-SN74AS885DWG4 Datasheet
497Kb / 18P
8-BIT MAGNITUDE COMPARATORS
More results


Similar Description - SN74AS885DW.A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
8-BIT MAGNITUDE COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com