Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S46 Datasheet (PDF) - Brady Worldwide, Inc.

S46 Datasheet PDF - Brady Worldwide, Inc.
Part # S46
Download  S46 Download
File Size   332.19 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description Miniature Circuit Breaker Lockout - Pin Out Standard

S46 Datasheet (PDF)

Go To PDF Page Download Datasheet
S46 Datasheet PDF - Brady Worldwide, Inc.

Part # S46
Download  S46 Click to download

File Size   332.19 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description Miniature Circuit Breaker Lockout - Pin Out Standard

S46 Datasheet (HTML) - Brady Worldwide, Inc.


S46 Product details

Description:
Design
● Safe and effective method for locking out miniature circuit breakers
● Require no tools to install! Easily installs with the aid of a push button
● Recommended to lock with lightweight Brady Compact Safety Padlocks, and can accept up to 9/32" shackle diameter
● Made of a durable glass- filled nylon, available as each or in packs of 6"

Material
● Made of Glass -filled nylon
● Springs made of Stainless Steel
● Color: Outer Housing – Red (PMS 1805C)
● Color: Inner Housing - Black
● UL rating – UL94 – HB Rating

Temperature Range
Plastic Housings: - 20° to 120°C (0° to 250°F)

Chemical Resistance
All approved chemicals listed are based on the manufactures specified chemical resistance chart for plastic material only. All other materials in the device are made of Stainless steel.




Similar Part No. - S46

ManufacturerPart #DatasheetDescription
logo
Bahco
S460 BAHCO-S460 Datasheet
158Kb / 2P
Sockets & accessories
S460 BAHCO-S460 Datasheet
61Kb / 1P
Socketry 1⁄4" Drive Sets
logo
Intel Corporation
S4600LH2 INTEL-S4600LH2 Datasheet
1Mb / 2P
Best in class performance, reliability and serviceability for HPC and Datacenter applications
S4600LT2 INTEL-S4600LT2 Datasheet
1Mb / 2P
Best in class performance, reliability and serviceability for HPC and Datacenter applications
logo
Rohm
S4602 ROHM-S4602 Datasheet
1Mb / 13P
N-channel SiC power MOSFET bare die
9.Feb.2022 - Rev.0
More results


Similar Description - S46

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-CB PANDUIT-PSL-CB Datasheet
54Kb / 1P
PSL-CB CIRCUIT BREAKER LOCKOUT
PSL-CBNT PANDUIT-PSL-CBNT Datasheet
88Kb / 1P
No Tool Circuit Breaker Lockout Devices
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com