Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3306 Datasheet (PDF) - Texas Instruments

SN74CB3T3306 Datasheet PDF - Texas Instruments
Part # SN74CB3T3306
Download  SN74CB3T3306 Download
File Size   610.59 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3306 Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage Bus Switch With 5-V Tolerant Level Shifter

SN74CB3T3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3T3306 Datasheet PDF - Texas Instruments

Part # SN74CB3T3306
Download  SN74CB3T3306 Click to download

File Size   610.59 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3306 Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage Bus Switch With 5-V Tolerant Level Shifter

SN74CB3T3306 Datasheet (HTML) - Texas Instruments


SN74CB3T3306 Product details

1 Features
1• Output Voltage Translation Tracks VCC
• Supports Mixed-Mode Signal Operation on All
Data I/O Ports
– 5-V Input Down to 3.3-V Output Level Shift
With 3.3-V VCC
– 5-V/3.3-V Input Down to 2.5-V Output Level
Shift With 2.5-V VCC
• 5-V Tolerant I/Os With Device Powered Up or
Powered Down
• Bidirectional Data Flow With Near-Zero
Propagation Delay
• Low ON-State Resistance (ron) Characteristics (ron
= 5 Ω Typical)
• Low Input/Output Capacitance Minimizes Loading
(Cio(OFF) = 4.5 pF Typical)
• Data and Control Inputs Provide Undershoot
Clamp Diodes
• Low Power Consumption (ICC = 20 μA Maximum)
• V CC Operating Range From 2.3 V to 3.6 V
• Data I/Os Support 0- to 5-V Signaling Levels (0.8
V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
• Control Inputs Can Be Driven by TTL or 5-V/3.3-V
CMOS Outputs
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Performance Tested Per JESD 22
– 2000-V Human Body Model (A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• Supports Digital Applications:
– Level Translation
– USB Interface
– Bus Isolation
• Ideal for Low-Power Portable Equipment

2 Applications
• Supports Digital Applications:
– Level Translation
– PCI Interface
– USB Interface
– Memory Interleaving
– Bus Isolation

3 Description
The SN74CB3T3306 device is a high-speed TTL-
compatible FET bus switch with low ON-state
resistance (ron), allowing for minimal propagation
delay. The device fully supports mixed-mode signal
operation on all data I/O ports by providing voltage translation that tracks VCC. The SN74CB3T3306
device supports systems using 5-V TTL, 3.3-V
LVTTL, and 2.5-V CMOS switching standards, as well
as user-defined switching levels (see Figure 5).




Similar Part No. - SN74CB3T3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
903Kb / 19P
Dual FET Bus Switch
SN74CB3T3306DCTR TI1-SN74CB3T3306DCTR Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306DCTR TI1-SN74CB3T3306DCTR Datasheet
903Kb / 19P
Dual FET Bus Switch
SN74CB3T3306DCUR TI1-SN74CB3T3306DCUR Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
More results


Similar Description - SN74CB3T3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T1G125-Q1 TI1-SN74CB3T1G125-Q1 Datasheet
554Kb / 13P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI1-SN74CB3T1G125_15 Datasheet
854Kb / 16P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com