Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC595-EP Datasheet (PDF) - Texas Instruments

SN74HC595-EP Datasheet PDF - Texas Instruments
Part # SN74HC595-EP
Download  SN74HC595-EP Download
File Size   370.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS

SN74HC595-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC595-EP Datasheet PDF - Texas Instruments

Part # SN74HC595-EP
Download  SN74HC595-EP Click to download

File Size   370.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS

SN74HC595-EP Datasheet (HTML) - Texas Instruments


SN74HC595-EP Product details

1FEATURES
• 8-Bit Serial-In, Parallel-Out Shift
• Wide Operating Voltage Range of 2 V to 6 V
• High-Current 3-State Outputs Can Drive Up To
15 LSTTL Loads
• Low Power Consumption: 80-mA (Max) ICC
• tpd = 13 ns (Typ)
• ±6-mA Output Drive at 5 V
• Low Input Current: 1 mA (Max)
• Shift Register Has Direct Clear

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The SN74HC595 contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register.
The storage register has parallel 3-state outputs. Separate clocks are provided for both the shift and storage
register. The shift register has a direct overriding clear (SRCLR) input, serial (SER) input, and serial outputs for
cascading. When the output-enable (OE) input is high, the outputs are in the high-impedance state.
Both the shift register clock (SRCLK) and storage register clock (RCLK) are positive-edge triggered. If both
clocks are connected together, the shift register always is one clock pulse ahead of the storage register.




Similar Part No. - SN74HC595-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Similar Description - SN74HC595-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com