Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC623N Datasheet (PDF) - Texas Instruments

SN74HC623N Datasheet PDF - Texas Instruments
Part # SN74HC623N
Download  SN74HC623N Download
File Size   692.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74HC623N Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC623N Datasheet PDF - Texas Instruments

Part # SN74HC623N
Download  SN74HC623N Click to download

File Size   692.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74HC623N Datasheet (HTML) - Texas Instruments


SN74HC623N Product details

Wide Operating Voltage Range of 2 V to 6 V
High-Current 3-State Outputs Can Drive Up
To 15 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 8 ns
±6-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Lock Bus-Latch Capability
True Logic

description/ordering information
These octal bus transceivers are designed for
asynchronous two-way communication between
data buses. The control-function implementation
allows for maximum flexibility in timing.
The ’HC623 devices allow data transmission from
the A bus to the B bus or from the B bus to the A
bus, depending upon the logic levels at the
output-enable (OEAB and OEBA) inputs.
OEAB and OEBA disable the device so that the
buses are effectively isolated. The dual-enable
configuration gives the transceivers the capability
to store data by simultaneously enabling OEAB
and OEBA. Each output reinforces its input in this
transceiver configuration. When both OEAB and
OEBA are enabled and all other data sources to
the two sets of bus lines are in the high-impedance
state, both sets of bus lines (16 total) remain at
their last states. The 8-bit codes appearing on the
two sets of buses are identical.




Similar Part No. - SN74HC623N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC623N TI-SN74HC623N Datasheet
111Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC623N TI1-SN74HC623N Datasheet
1Mb / 15P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC623NSR TI1-SN74HC623NSR Datasheet
1Mb / 15P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74HC623N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com