Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0829311 Datasheet (PDF) - PHOENIX CONTACT

0829311 Datasheet PDF - PHOENIX CONTACT
Part # 0829311
Download  0829311 Download
File Size   188.67 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (30X4) VT - Cable marker

0829311 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829311 Datasheet PDF - PHOENIX CONTACT

Part # 0829311
Download  0829311 Click to download

File Size   188.67 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (30X4) VT - Cable marker

0829311 Datasheet (HTML) - PHOENIX CONTACT


0829311 Product details

Cable marker, Card, violet, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD,
THERMOMARK PRIME 2.0, cable diameter range: 1.5 ... 14 mm, mounting type: slide-on,
Number of individual labels: 42, text field height: 4 mm, text field width: 30 mm




Similar Part No. - 0829311

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829311 PHOENIX-0829311 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 0829311

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802937 PHOENIX-0802937 Datasheet
53Kb / 2P
Device marker - US-EMSP (90X60) RD
0800190 PHOENIX-0800190 Datasheet
52Kb / 2P
Zack marker strip - ZB 5 /VT-100:UNBEDRUCKT
0815910 PHOENIX-0815910 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 VT
0819107 PHOENIX-0819107 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 VT
0824974 PHOENIX-0824974 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/VT CUS
0830768 PHOENIX-0830768 Datasheet
52Kb / 2P
Marker for terminal blocks - US-TML (104X3,8)
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com