Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4016BC Datasheet (PDF) - ON Semiconductor

CD4016BC Datasheet PDF - ON Semiconductor
Part # CD4016BC
Download  CD4016BC Download
File Size   101.83 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Bilateral Switch

CD4016BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4016BC Datasheet PDF - ON Semiconductor

Part # CD4016BC
Download  CD4016BC Click to download

File Size   101.83 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Bilateral Switch

CD4016BC Datasheet (HTML) - ON Semiconductor


CD4016BC Product details

General Description
The CD4016BC is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with CD4066BC.

Features
 Wide supply voltage range: 3V to 15V
 Wide range of digital and analog switching: ±7.5 VPEAK
 “ON” Resistance for 15V operation: 400Ω (typ)
 Matched “ON” Resistance over 15V signal input: ΔRON = 10Ω (typ)
 High degree of linearity: 0.4% distortion (typ)
@ fIS = 1 kHz, VIS = 5 Vp-p,
VDD−VSS = 10V, RL = 10 kΩ
 Extremely low “OFF” switch leakage: 0.1 nA (typ.)
@ VDD − VSS = 10V
TA = 25°C
 Extremely high control input impedance: 1012Ω (typ)
 Low crosstalk between switches: −50 dB (typ.)
@ fIS = 0.9 MHz, RL = 1 kΩ
 Frequency response, switch “ON”: 40 MHz (typ)

Applications
• Analog signal switching/multiplexing
Signal gating
Squelch control
Chopper
Modulator/Demodulator
Commutating switch
• Digital signal switching/multiplexing
• CMOS logic implementation
• Analog-to-digital/digital-to-analog conversion
• Digital control of frequency, impedance, phase, and analog-signal gain




Similar Part No. - CD4016BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4016BC FAIRCHILD-CD4016BC Datasheet
93Kb / 9P
Quad Bilateral Switch
logo
National Semiconductor ...
CD4016BC NSC-CD4016BC Datasheet
168Kb / 8P
Quad Bilateral Switch
logo
Fairchild Semiconductor
CD4016BC FAIRCHILD-CD4016BC Datasheet
104Kb / 9P
Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
93Kb / 9P
Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
104Kb / 9P
Quad Bilateral Switch
More results


Similar Description - CD4016BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com