Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G99DCTRG4.B Datasheet (PDF) - Texas Instruments

SN74LVC1G99DCTRG4.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G99DCTRG4.B
Download  SN74LVC1G99DCTRG4.B Download
File Size   716.78 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Configurable Multiple-Function Gate With 3-State Output

SN74LVC1G99DCTRG4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G99DCTRG4.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G99DCTRG4.B
Download  SN74LVC1G99DCTRG4.B Click to download

File Size   716.78 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Configurable Multiple-Function Gate With 3-State Output

SN74LVC1G99DCTRG4.B Datasheet (HTML) - Texas Instruments


SN74LVC1G99DCTRG4.B Product details

1FEATURES
2• Available in Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 6.7 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Offers Nine Different Logic Functions in a
Single Package
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
• Input Hysteresis Allows for Slow Input
Transition Time and Better Noise Immunity at
Input
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
The SN74LVC1G99 device is operational from 1.65 V
to 5.5 V.
The SN74LVC1G99 device features configurable
multiple functions with a 3-state output. The output is disabled when the output-enable (OE) input is high.
When OE is low, the output state is determined by 16
patterns of 4-bit input. The user can choose logic
functions, such as MUX, AND, OR, NAND, NOR,
XOR, XNOR, inverter, and buffer. All inputs can be
connected to VCC or GND.
This device functions as an independent inverter, but
because of Schmitt action, it has different input
threshold levels for positive-going (VT+) and negative-
going (VT–) signals.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
NanoFree™ package technologies are a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC1G99DCTRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99DCTRG4 TI1-SN74LVC1G99DCTRG4 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99DCTRG4 TI1-SN74LVC1G99DCTRG4 Datasheet
1,007Kb / 25P
Ultra-Configurable Multiple-Function Gate With 3-State Output
More results


Similar Description - SN74LVC1G99DCTRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74LVC1G99 UTC-U74LVC1G99 Datasheet
229Kb / 8P
ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com