Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSOP Datasheet (PDF) - TT Electronics.

TSSOP Datasheet PDF - TT Electronics.
Part # TSSOP
Download  TSSOP Download
File Size   562.48 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Surface Mount TSSOP Resistor Networks

TSSOP Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSOP Datasheet PDF - TT Electronics.

Part # TSSOP
Download  TSSOP Click to download

File Size   562.48 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Surface Mount TSSOP Resistor Networks

TSSOP Datasheet (HTML) - TT Electronics.


TSSOP Product details

Absolute tolerances to ±0.1%
Tight TC Tracking to ±5ppm/°C
Ratio match tolerances to ±0.05%
Ultra-stable tantalum nitride resistors
Standard Sn/Pb and Pb-free terminations available




Similar Part No. - TSSOP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
TSSOP AMKOR-TSSOP Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
TSSOP AMKOR-TSSOP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
TSSOP AMKOR-TSSOP Datasheet
502Kb / 2P
TSSOP (Thin Shrink Small Outline Package) and MSOP (Mini Small Outline Package) are leadframe based, plastic encapsulated packages
12/21
logo
Diodes Incorporated
TSSOP-14 DIODES-TSSOP-14 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
TSSOP-14 DIODES-TSSOP-14 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results


Similar Description - TSSOP

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627T BITECH-627T Datasheet
61Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
Space Flight Surface Mount Flat Packs Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
Surface Mount QSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
Surface Mount SOIC Resistor Networks
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
SOT143 Surface Mount Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
Surface Mount TSSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
Surface Mount QSOP Resistor Networks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com