Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7405 Datasheet (PDF) - Sealevel Systems, Inc.

7405 Datasheet PDF - Sealevel Systems, Inc.
Part # 7405
Download  7405 Download
File Size   424.38 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI RS-232, RS-485 Serial Interface (RJ45)

7405 Datasheet (PDF)

Go To PDF Page Download Datasheet
7405 Datasheet PDF - Sealevel Systems, Inc.

Part # 7405
Download  7405 Click to download

File Size   424.38 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI RS-232, RS-485 Serial Interface (RJ45)

7405 Datasheet (HTML) - Sealevel Systems, Inc.


7405 Product details

Features
• Each port individually configurable for RS-232 or two-wire RS-485
• 16C864 buffered UART with 128-byte FIFOs
• Data rates to 921.6K bps
• Universal Bus (3.3V and 5V) compatible
• Automatic RS-485 enable/disable
• Four RJ45 connectors
• Power (+5V or +12V) provided on pin 5 of each connector
• Ideal for point of sale applications




Similar Part No. - 7405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7405 ETC2-7405 Datasheet
222Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
logo
C&K Components
7405 CK-COMPONENTS-7405 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7405 HEYCO-7405 Datasheet
90Kb / 1P
Female Pin Connectors
logo
SYC Electronica
7405 SYC-7405 Datasheet
114Kb / 4P
7405 Hex Inverters with Open-Collector Outputs
logo
List of Unclassifed Man...
74050 ETC2-74050 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Similar Description - 7405

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
750-652-040-000 WAGO-750-652-040-000 Datasheet
618Kb / 12P
RS-232/485 Serial Interface; Extreme
750-652-025-000 WAGO-750-652-025-000 Datasheet
579Kb / 12P
RS-232/485 Serial Interface; Ext. Temperature
logo
Advantech Co., Ltd.
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com