Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1154 Datasheet (PDF) - Texas Instruments

SN75C1154 Datasheet PDF - Texas Instruments
Part # SN75C1154
Download  SN75C1154 Download
File Size   669.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DRIVERS/RECEIVERS

SN75C1154 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C1154 Datasheet PDF - Texas Instruments

Part # SN75C1154
Download  SN75C1154 Click to download

File Size   669.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DRIVERS/RECEIVERS

SN75C1154 Datasheet (HTML) - Texas Instruments


SN75C1154 Product details

Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
Very Low Power Consumption . . .
5 mW Typ
Wide Driver Supply Voltage . . .
±4.5 V to ±15 V
Driver Output Slew Rate Limited to
30 V/μs Max
Receiver Input Hysteresis . . . 1000 mV Typ
Push-Pull Receiver Outputs
On-Chip Receiver 1-μs Noise Filter

description/ordering information
The SN65C1164 and SN75C1154 are low-power BiMOS devices containing four independent drivers and
receivers that are used to interface data terminal equipment (DTE) with data circuit-terminating equipment
(DCE). These devices are designed to conform to TIA/EIA-232-F. The drivers and receivers of the SN65C1154
and SN75C1154 are similar to those of the SN75C188 quadruple driver and SN75C189A quadruple receiver,
respectively. The drivers have a controlled output slew rate that is limited to a maximum of 30 V/μs and the
receivers have filters that reject input noise pulses of shorter than 1 μs. Both these features eliminate the need
for external components.
The SN65C1154 and SN75C1154 have been designed using low-power techniques in a BiMOS technology.
In most applications, the receivers contained in these devices interface to single inputs of peripheral devices
such as ACEs, UARTs, or microprocessors. By using sampling, such peripheral devices usually are insensitive
to the transition times of the input signals. If this is not the case, or for other uses, it is recommended that the
SN65C1154 and SN75C1154 receiver outputs be buffered by single Schmitt input gates or single gates of the
HCMOS, ALS, or 74F logic families.




Similar Part No. - SN75C1154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154 TI-SN75C1154 Datasheet
139Kb / 8P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154 TI-SN75C1154 Datasheet
361Kb / 8P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154 TI-SN75C1154 Datasheet
365Kb / 14P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154 TI1-SN75C1154 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154DW TI-SN75C1154DW Datasheet
139Kb / 8P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results


Similar Description - SN75C1154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154 TI-SN75C1154 Datasheet
139Kb / 8P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN65C1154 TI-SN65C1154 Datasheet
361Kb / 8P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com