Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75207B Datasheet (PDF) - Texas Instruments

SN75207B Datasheet PDF - Texas Instruments
Part # SN75207B
Download  SN75207B Download
File Size   389.79 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS

SN75207B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75207B Datasheet PDF - Texas Instruments

Part # SN75207B
Download  SN75207B Click to download

File Size   389.79 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS

SN75207B Datasheet (HTML) - Texas Instruments


SN75207B Product details

Plug-In Replacement for SN75107A and
SN75107B With Improved Characteristics
±10-mV Input Sensitivity
TTL-Compatible Circuitry
Standard Supply Voltages . . . ±5 V
Differential Input Common-Mode Voltage
Range of ±3 V
Strobe Inputs for Channel Selection
Totem-Pole Outputs
SN75207B Has Diode-Protected Input Stage
for Power-Off Condition
Sense Amplifier for MOS Memories
Dual Comparator
High-Sensitivity Line Receiver

description
The SN75207B is a terminal-for-terminal replacement for the SN75107B. The improved input sensitivity makes
it more suitable for MOS memory sense amplifiers and can result in faster memory cycles. Improved sensitivity
also makes it more useful in line-receiver applications by allowing use of longer transmission line lengths. The
SN75207B features a TTL-compatible, active-pullup output.
Input protection diodes are in series with the collectors of the differential-input transistors of the SN75207B.
These diodes are useful in certain party-line systems that may have multiple VCC+ power supplies and may be
operated with some of the VCC+ supplies turned off. In such a system, if a supply is turned off and allowed to
go to ground, the equivalent input circuit connected to that supply would be as follows:
This would be a problem in specific systems that might have the transmission lines biased to some potential
greater than 1.4 V.
This device is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75207B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75207B TI-SN75207B Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BD TI-SN75207BD Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BDE4 TI-SN75207BDE4 Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BN TI-SN75207BN Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BNE4 TI-SN75207BNE4 Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
More results


Similar Description - SN75207B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN75207B TI-SN75207B Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
Dual Line Receivers
logo
Texas Instruments
SN55152 TI-SN55152 Datasheet
787Kb / 13P
DUAL LINE RECEIVERS
SN55107A TI-SN55107A Datasheet
280Kb / 19P
DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
DUAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
DUAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com