Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS86 Datasheet (PDF) - Texas Instruments

SN75LVDS86 Datasheet PDF - Texas Instruments
Part # SN75LVDS86
Download  SN75LVDS86 Download
File Size   483.11 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FlatLink RECEIVER

SN75LVDS86 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LVDS86 Datasheet PDF - Texas Instruments

Part # SN75LVDS86
Download  SN75LVDS86 Click to download

File Size   483.11 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FlatLink RECEIVER

SN75LVDS86 Datasheet (HTML) - Texas Instruments


SN75LVDS86 Product details

3:21 Data Channel Expansion at up to
178.5 Mbytes/s Throughput
Suited for SVGA, XGA, or SXGA Display
Data Transmission From Controller to
Display With Very Low EMI
Three Data Channels and Clock
Low-Voltage Differential Channels In and
21 Data and Clock Low-Voltage TTL
Channels Out
Operates From a Single 3.3-V Supply and
250 mW (Typ)
5-V Tolerant SHTDN Input
ESD Protection Exceeds 4 kV on Bus Pins
Packaged in Thin Shrink Small-Outline
Package (TSSOP) With 20-Mil Terminal
Pitch
Consumes Less Than 1 mW When Disabled
Wide Phase-Lock Input Frequency Range
31 MHz to 68 MHz
No External Components Required for PLL
Open-Circuit Receiver Fail-Safe Design
Inputs Meet or Exceed the Requirements of
ANSI EIA/TIA-644 Standard
Improved Replacement for the National
DS90C562

description
The SN75LVDS86 FlatLink receiver contains three serial-in 7-bit parallel-out shift registers, a 7× clock
synthesizer, and four low-voltage differential signaling (LVDS) line receivers in a single integrated circuit. These
functions allow receipt of synchronous data from a compatible transmitter, such as the SN75LVDS81, ’83, ’84,
or ’85, over four balanced-pair conductors, and expansion to 21 bits of single-ended low-voltage TTL (LVTTL)
synchronous data at a lower transfer rate.
When receiving, the high-speed LVDS data is received and loaded into registers at seven times (7×) the LVDS
input clock (CLKIN) rate. The data is then unloaded to a 21-bit-wide LVTTL parallel bus at the CLKIN rate. A
phase-locked loop (PLL) clock synthesizer circuit generates a 7× clock for internal clocking and an output clock
for the expanded data. The SN75LVDS86 presents valid data on the falling edge of the output clock (CLKOUT).
The SN75LVDS86 requires only four line-termination resistors for the differential inputs and little or no control.
The data bus appears the same at the input to the transmitter and output of the receiver with the data
transmission transparent to the user. The only possible user intervention is the use of the shutdown/clear
(SHTDN) active-low input to inhibit the clock and shut off the LVDS receivers for lower power consumption. A
low level on this signal clears all internal registers to a low level.
The LVDS receivers of the SN75LVDS86 include an open-circuit fail-safe design, such that when the inputs are
not connected to an LVDS driver, the receiver outputs go to a low level. This occurs even when the line is
differentially terminated at the receiver inputs.
The SN75LVDS86 is characterized for operation over ambient free-air temperatures of 0C to 70C.




Similar Part No. - SN75LVDS86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
FLATLINKE RECEIVER
SN75LVDS86 TI1-SN75LVDS86 Datasheet
406Kb / 17P
FLATLINK RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
269Kb / 15P
FLATLINK RECEIVER
SN75LVDS86A TI2-SN75LVDS86A Datasheet
518Kb / 22P
FlatLink™ RECEIVER
REVISED NOVEMBER 2007
More results


Similar Description - SN75LVDS86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
FLATLINK RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
FlatLink??RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
FlatLink??RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
FLATLINK LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
FLATLINK??LVDS RECEIVER
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
FlatLink Transmitter
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
FlatLink RECEIVER
SN75LVDS84 TI1-SN75LVDS84_08 Datasheet
474Kb / 17P
FLATLINK TRANSMITTERS
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
FLATLINK RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
FlatLink Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com