Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5132DDV Datasheet (PDF) - Texas Instruments

TAS5132DDV Datasheet PDF - Texas Instruments
Part # TAS5132DDV
Download  TAS5132DDV Download
File Size   600.1 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5132DDV Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5132DDV Datasheet PDF - Texas Instruments

Part # TAS5132DDV
Download  TAS5132DDV Click to download

File Size   600.1 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5132DDV Datasheet (HTML) - Texas Instruments


TAS5132DDV Product details

FEATURES
APPLICATIONS
· 2´20 W at 10% THD+N Into 8-W BTL
· 2´25 W at 10% THD+N Into 6-W BTL
· >100-dB SNR (A-Weighted)
· <0.1% THD+N at 1 W
· Thermally Enhanced Package:
– DDV (44-pin HTSSOP)
· High-Efficiency Power Stage (>90%) With
140-mW Output MOSFETs
· Power-On Reset for Protection on Power Up
Without Any Power-Supply Sequencing
· Integrated Self-Protection Circuits Including
Undervoltage, Overtemperature, Overload,
Short Circuit
· PWM Activity Detector to detect stopped PWM
inputs and protect the system
· Error Reporting
· EMI Compliant When Used With
Recommended System Design
· Intelligent Gate Drive
· Pin Compatible With the TAS5142DDV
· Televisions
· Mini/Micro Audio Systems
· DVD Receivers
· Home Theaters

DESCRIPTION
The TAS5132 is an integrated stereo digital amplifier
power stage with an advanced protection system.
The TAS5132 is capable of driving a 6-W bridge-tied
load (BTL) at up to 25 W per channel with low
integrated noise at the output, low THD+N
performance, and low idle power dissipation.
A low-cost, high-fidelity audio system can be built
using a TI chipset, comprising a modulator (e.g.,
TAS5086) and the TAS5132. This system only
requires a simple passive LC demodulation filter to
deliver high-quality, high-efficiency audio
amplification with proven EMI compliance. This
device requires two power supplies, at 12 V for
GVDD and VDD, and at 18 V for PVDD. The
TAS5132 does not require power-up sequencing due
to internal power-on reset. The efficiency of this
digital amplifier is greater than 90% into 8 W, which
enables the use of smaller power supplies and
heatsinks.
The TAS5132 has an innovative protection system integrated on chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These safeguards are short-circuit
protection, overcurrent protection, undervoltage
protection, and overtemperature protection. The
TAS5132 has a new proprietary current-limiting
circuit that reduces the possibility of device shutdown
during high-level music transients.




Similar Part No. - TAS5132DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132DDV TI-TAS5132DDV Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDV TI-TAS5132DDV Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDV TI-TAS5132DDV Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVG4 TI-TAS5132DDVG4 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVG4 TI-TAS5132DDVG4 Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Similar Description - TAS5132DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com