Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507PWR Datasheet (PDF) - Texas Instruments

TCA6507PWR Datasheet PDF - Texas Instruments
Part # TCA6507PWR
Download  TCA6507PWR Download
File Size   766.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6507 Low-Voltage 7-Bit I2C and SMBus LED Driver With Intensity Control and Shutdown

TCA6507PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA6507PWR Datasheet PDF - Texas Instruments

Part # TCA6507PWR
Download  TCA6507PWR Click to download

File Size   766.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6507 Low-Voltage 7-Bit I2C and SMBus LED Driver With Intensity Control and Shutdown

TCA6507PWR Datasheet (HTML) - Texas Instruments


TCA6507PWR Product details

1 Features
1• Seven LED Driver Outputs: ON, OFF, Blinking,
Fading at Programmable Rates
• Open-Drain Outputs Directly Drive LEDs to
40-mA Maximum
• Two Independent Banks of LED Drivers
• Widely Programmable Blink Rates, Fade-ON and
Fade-OFF Rates and Maximum Intensity
• Outputs Not Used as LED Drivers Can Be Used
as Regular General-Purpose Open-Drain Outputs
• 16 Steps of Maximum Intensity Control from
Fully-OFF to Fully-ON States
• Smooth Perceived Transitions for Fade-ON and
Fade-OFF
• Operating Power-Supply Voltage Range of
1.65 V to 3.6 V
• 5.5-V Tolerant Open-Drain Outputs
• Low Standby Current With Shutdown Capability
for Additional Power Savings
• Programmed Through I2C Bus Interface Logic
Compatible With SMBus
• No Glitch on Power Up
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

2 Applications
• Mobile Phones
• Desktop and Laptop Computers
• Human Machine Interface

3 Description
This 7-bit LED dimmer for the two-line bidirectional
bus (I2C) is designed to control (or dim) LEDs through
the I2C interface. Without this device, the
microcontroller must be actively involved in turning on
and off the LEDs (per the required dimming rate),
which uses valuable processor time. The TCA6507
alleviates this issue by limiting the number of
operations required by the processor in blinking LEDs
and helps to create a more efficient system. The
TCA6507 handles all pulse width modulation (PWM)
logic, allowing the processor to use its cycles for
more important tasks.




Similar Part No. - TCA6507PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507PWR TI-TCA6507PWR Datasheet
693Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWR TI-TCA6507PWR Datasheet
741Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWR TI1-TCA6507PWR Datasheet
1Mb / 45P
Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWRG4 TI-TCA6507PWRG4 Datasheet
693Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWRG4 TI-TCA6507PWRG4 Datasheet
741Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results


Similar Description - TCA6507PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com