Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9544A Datasheet (PDF) - Texas Instruments

TCA9544A Datasheet PDF - Texas Instruments
Part # TCA9544A
Download  TCA9544A Download
File Size   578.55 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic

TCA9544A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9544A Datasheet PDF - Texas Instruments

Part # TCA9544A
Download  TCA9544A Click to download

File Size   578.55 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic

TCA9544A Datasheet (HTML) - Texas Instruments


TCA9544A Product details

1 Features
1• 1-of-4 Bidirectional Translating Switches
• I2C Bus and SMBus Compatible
• Four Active-Low Interrupt Inputs
• Active-Low Interrupt Output
• Three Address Pins, Allowing up to Eight
TCA9544A Devices on the I2C Bus
• Channel Selection Via I2C Bus
• Power-Up With All Switch Channels Deselected
• Low RON Switches
• Allows Voltage-Level Translation Between 1.8-V,
2.5-V, 3.3-V, and 5-V Buses
• No Glitch on Power-Up
• Supports Hot Insertion
• Low Standby Current
• Operating Power Supply Voltage Range of
1.65 V to 5.5 V
• 5.5-V Tolerant Inputs
• 0 to 400-kHz Clock Frequency
• Latch-Up Performance Exceeds 100 mA Per
JESD 78
• ESD Protection Exceeds JESD 22
– 4000-V Human-Body Model (A114-A)
– 1500-V Charged-Device Model (C101)

2 Applications
• Servers
• Routers (Telecom Switching Equipment)
• Factory Automation
• Products With I2C Slave Address Conflicts (For
Example, Multiple, Identical Temp Sensors)

3 Description
The TCA9544A is a 4-channel, bidirectional
translating I2C Muliplexer. The master SCL/SDA
signal pair is directed to one of the four channels of
slave devices, SC0/SD0-SC3/SD3. Four interrupt
inputs (INT3–INT0), one for each of the downstream
pairs, are provided. One interrupt output (INT) acts as
an AND of the four interrupt inputs.
A power-on reset function returns the registers to
their default state and initializes the I2C state
machine, with all channels deselected.
The pass gates of the switches are constructed such
that the VCC pin can be used to limit the maximum
high voltage which will be passed by the TCA9544A.
This allows the use of different bus voltages on each
pair, so that 1.8-V, 2.5-V, or 3.3-V parts can
communicate with 5-V parts without any additional
protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O
pins are 5.5 V tolerant.




Similar Part No. - TCA9544A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9544A TI2-TCA9544A Datasheet
578Kb / 29P
TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
REVISED NOVEMBER 2019
TCA9544APWR TI1-TCA9544APWR Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9544APWR TI2-TCA9544APWR Datasheet
578Kb / 29P
TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
REVISED NOVEMBER 2019
TCA9544APWR.B TI2-TCA9544APWR.B Datasheet
578Kb / 29P
TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
REVISED NOVEMBER 2019
More results


Similar Description - TCA9544A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9544A TI1-PCA9544A_16 Datasheet
1Mb / 35P
SMBus Multiplexer With Interrupt Logic
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com