Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9546A Datasheet (PDF) - Texas Instruments

TCA9546A Datasheet PDF - Texas Instruments
Part # TCA9546A
Download  TCA9546A Download
File Size   629.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9546A Low Voltage 4-Channel I2C and SMBus Switch with Reset Function

TCA9546A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9546A Datasheet PDF - Texas Instruments

Part # TCA9546A
Download  TCA9546A Click to download

File Size   629.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9546A Low Voltage 4-Channel I2C and SMBus Switch with Reset Function

TCA9546A Datasheet (HTML) - Texas Instruments


TCA9546A Product details

1 Features
1• 1-of-4 Bidirectional translating switches
• I2C Bus and SMBus compatible
• Active-low reset input
• Three address pins, allowing up to eight
TCA9546A devices on the I2C bus
• Channel selection via I2C Bus, in any combination
• Power-up with all switch channels deselected
• Low RON switches
• Allows voltage-level translation between
1.8-V, 2.5-V, 3.3-V, and 5-V buses
• No glitch on power-up
• Supports hot insertion
• Low standby current
• Operating power-supply voltage range of 1.65 V to
5.5 V
• 5.5 V Tolerant inputs
• 0 to 400-kHz Clock frequency
• Latch-up performance exceeds 100 mA Per JESD
78
• ESD Protection exceeds JESD 22
– 4000-V Human-body model (A114-A)
– 1500-V Charged-device model (C101)

2 Applications
• Servers
• Routers (telecom switching equipment)
• Factory automation
• Products with I2C slave address conflicts (multiple,
identical temp sensors)

3 Description
The TCA9546A is a quad bidirectional translating
switch controlled via the I2C bus. The SCL/SDA
upstream pair fans out to four downstream pairs, or
channels. Any individual SCn/SDn channel or
combination of channels can be selected, determined
by the contents of the programmable control register.
An active-low reset (RESET) input allows the
TCA9546A to recover from a situation in which one of
the downstream I2C buses is stuck in a low state.
Pulling RESET low resets the I2C state machine and
causes all the channels to be deselected, as does the
internal power-on reset function.
The pass gates of the switches are constructed such
that the VCC pin can be used to limit the maximum
high voltage, which will be passed by the TCA9546A.
This allows the use of different bus voltages on each
pair, so that 1.8-V, 2.5-V, or 3.3-V parts can
communicate with 5-V parts without any additional
protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O
pins are 5.5-V tolerant.




Similar Part No. - TCA9546A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
TCA9546A TI2-TCA9546A Datasheet
630Kb / 31P
TCA9546A Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
REVISED NOVEMBER 2019
TCA9546ADR TI1-TCA9546ADR Datasheet
982Kb / 31P
Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
TCA9546ADR TI2-TCA9546ADR Datasheet
630Kb / 31P
TCA9546A Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
REVISED NOVEMBER 2019
TCA9546ADR.B TI2-TCA9546ADR.B Datasheet
630Kb / 31P
TCA9546A Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
REVISED NOVEMBER 2019
More results


Similar Description - TCA9546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
4-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_1 Datasheet
1,020Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_2 Datasheet
933Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_3 Datasheet
1Mb / 29P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
Low-Voltage 8-Channel I2C Switch With Reset
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
Low-Voltage 8-Channel I2C Switch with Reset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com