Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451A Datasheet (PDF) - Texas Instruments

TL1451A Datasheet PDF - Texas Instruments
Part # TL1451A
Download  TL1451A Download
File Size   527.51 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS

TL1451A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1451A Datasheet PDF - Texas Instruments

Part # TL1451A
Download  TL1451A Click to download

File Size   527.51 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS

TL1451A Datasheet (HTML) - Texas Instruments


TL1451A Product details

Qualified for Automotive Applications
Complete PWM Power Control Circuitry
Completely Synchronized Operation
Internal Undervoltage Lockout Protection
Wide Supply Voltage Range
Internal Short-Circuit Protection
Oscillator Frequency . . . 500 kHz Max
Variable Dead Time Provides Control Over
Total Range
Internal Regulator Provides a Stable 2.5-V
Reference Supply
Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards

description
The TL1451A incorporates on a single monolithic chip all the functions required in the construction of two
pulse-width-modulation (PWM) control circuits. Designed primarily for power-supply control, the TL1451A
contains an on-chip 2.5-V regulator, two error amplifiers, an adjustable oscillator, two dead-time comparators,
undervoltage lockout circuitry, and dual common-emitter output transistor circuits.
The uncommitted output transistors provide common-emitter output capability for each controller. The internal
amplifiers exhibit a common-mode voltage range from 1.04 V to 1.45 V. The dead-time control (DTC)
comparator has no offset unless externally altered and can provide 0% to 100% dead time. The on-chip
oscillator can be operated by terminating RT and CT. During low VCC conditions, the undervoltage lockout
control circuit feature locks the outputs off until the internal circuitry is operational.
The TL1451A is characterized for operation from −40°C to 125°C.




Similar Part No. - TL1451A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A TI-TL1451A Datasheet
1Mb / 37P
SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A TI-TL1451A Datasheet
1Mb / 36P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A TI2-TL1451A Datasheet
415Kb / 25P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
DECEMBER 2005
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Similar Description - TL1451A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com