Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3474ACPWR Datasheet (PDF) - Texas Instruments

TL3474ACPWR Datasheet PDF - Texas Instruments
Part # TL3474ACPWR
Download  TL3474ACPWR Download
File Size   695.65 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS

TL3474ACPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TL3474ACPWR Datasheet PDF - Texas Instruments

Part # TL3474ACPWR
Download  TL3474ACPWR Click to download

File Size   695.65 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS

TL3474ACPWR Datasheet (HTML) - Texas Instruments


TL3474ACPWR Product details

Low Offset . . . 3 mV (Max) for A-Grade
Wide Gain-Bandwidth Product . . . 4 MHz
High Slew Rate . . . 13 V/μs
Fast Settling Time . . . 1.1 μs to 0.1%
Wide-Range Single-Supply Operation
. . . 4 V to 36 V
Wide Input Common-Mode Range Includes
Ground (VCC−)
Low Total Harmonic Distortion . . . 0.02%
Large-Capacitance Drive Capability
. . . 10,000 pF
Output Short-Circuit Protection
Alternative to MC33074/A and MC34074/A

description/ordering information
Quality, low-cost, bipolar fabrication with innovative design concepts is employed for the TL3474, TL3474A
operational amplifiers. These devices offer 4 MHz of gain-bandwidth product, 13-V/μs slew rate, and fast settling
time without the use of JFET device technology. Although the TL3474 and TL3474A can be operated from split
supplies, they are particularly suited for single-supply operation because the common-mode input voltage
range includes ground potential (VCC−). With a Darlington transistor input stage, these devices exhibit high input
resistance, low input offset voltage, and high gain. The all-npn output stage, characterized by no dead-band
crossover distortion and large output voltage swing, provides high-capacitance drive capability, excellent phase
and gain margins, low open-loop high-frequency output impedance, and symmetrical source/sink ac frequency
response. These low-cost amplifiers are an alternative to the MC34074/A and MC33074/A operational
amplifiers.




Similar Part No. - TL3474ACPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3474ACPWR TI-TL3474ACPWR Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474ACPWR TI-TL3474ACPWR Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474ACPWRE4 TI-TL3474ACPWRE4 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474ACPWRE4 TI-TL3474ACPWRE4 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474ACPWRG4 TI-TL3474ACPWRG4 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Similar Description - TL3474ACPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com