Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4581P Datasheet (PDF) - Texas Instruments

TL4581P Datasheet PDF - Texas Instruments
Part # TL4581P
Download  TL4581P Download
File Size   371.15 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER

TL4581P Datasheet (PDF)

Go To PDF Page Download Datasheet
TL4581P Datasheet PDF - Texas Instruments

Part # TL4581P
Download  TL4581P Click to download

File Size   371.15 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER

TL4581P Datasheet (HTML) - Texas Instruments


TL4581P Product details

Equivalent Input Noise Voltage
5 nV/√Hz Typ at 1 kHz
Unity-Gain Bandwidth . . . 10 MHz Typ
High Slew Rate . . . 9 V/μs Typ
Peak-to-Peak Output Voltage Swing
32 V Typ, With VCC± = ±18 V and RL = 600 Ω
Wide Supply-Voltage Range . . . ±3 V to
±20 V
Common-Mode Rejection
Ratio . . . 100 dB Typ
High dc Voltage Gain . . . 100 V/mV Typ
Applications: Audio PreAmps, Active
Filters, Headphone Amps
End Equipment: DVD/CD/CDRW Players;
Set-Top Boxes

description/ordering information
The TL4581 is a dual operational amplifier that has been designed optimally for audio applications, such as
improving tone control. It offers low noise, high-gain bandwidth, good slew, and high output current drive for
driving capacitive loads. These features make the TL4581 ideally suited for audio applications, such as audio
preamps and active filters. When high output current is required, the TL4581 also can be used as a headphone
amplifier.




Similar Part No. - TL4581P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4581P TI-TL4581P Datasheet
120Kb / 7P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581P TI-TL4581P Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581P TI1-TL4581P Datasheet
670Kb / 9P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581PE4 TI-TL4581PE4 Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581PSR TI-TL4581PSR Datasheet
120Kb / 7P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results


Similar Description - TL4581P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4581 TI-TL4581 Datasheet
120Kb / 7P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Texas Instruments
TL4581 TI-TL4581_06 Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
logo
Texas Instruments
TL4581 TI1-TL4581_15 Datasheet
670Kb / 9P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com