Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7726IP Datasheet (PDF) - Texas Instruments

TL7726IP Datasheet PDF - Texas Instruments
Part # TL7726IP
Download  TL7726IP Download
File Size   453.89 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HEX CLAMPING CIRCUITS

TL7726IP Datasheet (PDF)

Go To PDF Page Download Datasheet
TL7726IP Datasheet PDF - Texas Instruments

Part # TL7726IP
Download  TL7726IP Click to download

File Size   453.89 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HEX CLAMPING CIRCUITS

TL7726IP Datasheet (HTML) - Texas Instruments


TL7726IP Product details

Protects Against Latch-Up
25-mA Current Sink in Active State
Less Than 1-mW Dissipation in Standby
Condition
Ideal for Applications in Environments
Where Large Transient Spikes Occur
Stable Operation for All Values of
Capacitive Load
No Output Overshoot

description
The TL7726 consists of six identical clamping circuits that monitor an input voltage with respect to a reference
value, REF. For an input voltage (VI) in the range of GND to < REF, the clamping circuits present a very high
impedance to ground, drawing current of less than 10 mA. The clamping circuits are active for VI < GND or
VI > REF when they have a very low impedance and can sink up to 25 mA.
These characteristics make the TL7726 ideal as protection devices for CMOS semiconductor devices in
environments where there are large positive or negative transients to protect analog-to-digital converters in
automotive or industrial systems. The use of clamping circuits provides a safeguard against potential latch-up.
The TL7726C is characterized for operation over the temperature range of 0°C to 70°C. The TL7726I is
characterized for operation over the temperature range of –40°C to 85°C. The TL7726Q is characterized for
operation over the temperature range of –40°C to 125°C.




Similar Part No. - TL7726IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7726IP TI-TL7726IP Datasheet
64Kb / 5P
HEX CLAMPING CIRCUITS
TL7726IP TI-TL7726IP Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726IP TI-TL7726IP Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726IPE4 TI-TL7726IPE4 Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726IPE4 TI-TL7726IPE4 Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
More results


Similar Description - TL7726IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7726 TI-TL7726 Datasheet
64Kb / 5P
HEX CLAMPING CIRCUITS
TL7726CDR TI-TL7726CDR Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726CDRG4 TI-TL7726CDRG4 Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
Clamping module
12/7/22
150685 FESTO-150685 Datasheet
92Kb / 1P
Clamping module
12/7/22
184857 FESTO-184857 Datasheet
93Kb / 1P
Clamping module
12/7/22
1354098 FESTO-1354098 Datasheet
68Kb / 1P
Clamping sleeve
2428478 FESTO-2428478 Datasheet
74Kb / 1P
Clamping sleeve
2428480 FESTO-2428480 Datasheet
75Kb / 1P
Clamping sleeve
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com