Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC251ACP Datasheet (PDF) - Texas Instruments

TLC251ACP Datasheet PDF - Texas Instruments
Part # TLC251ACP
Download  TLC251ACP Download
File Size   393.4 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS

TLC251ACP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC251ACP Datasheet PDF - Texas Instruments

Part # TLC251ACP
Download  TLC251ACP Click to download

File Size   393.4 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS

TLC251ACP Datasheet (HTML) - Texas Instruments


TLC251ACP Product details

Wide Range of Supply Voltages
1.4-V to 16-V
True Single-Supply Operation
Common-Mode Input Voltage Range
Includes the Negative Rail
Low Noise . . . 30 nV/√Hz Typ at 1-kHz
(High Bias)
ESD Protection Exceeds 2000 V Per
MIL-STD-833C, Method 3015.1

description
The TLC251C, TLC251AC, and TLC251BC are
low-cost, low-power programmable operational
amplifiers designed to operate with single or dual
supplies. Unlike traditional metal-gate CMOS
operational amplifiers, these devices utilize Texas
Instruments silicon-gate LinCMOS process,
giving them stable input offset voltages without
sacrificing the advantages of metal-gate CMOS.
This series of parts is available in selected grades of input offset voltage and can be nulled with one external
potentiometer. Because the input common-mode range extends to the negative rail and the power consumption
is extremely low, this family is ideally suited for battery-powered or energy-conserving applications. A
bias-select pin can be used to program one of three ac performance and power-dissipation levels to suit the
application. The series features operation down to a 1.4-V supply and is stable at unity gain.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.1. However, care should be exercised
in handling these devices as exposure to ESD may result in a degradation of the device parametric
performance.
Because of the extremely high input impedance and low input bias and offset currents, applications for the
TLC251C series include many areas that have previously been limited to BIFET and NFET product types. Any
circuit using high-impedance elements and requiring small offset errors is a good candidate for cost-effective
use of these devices. Many features associated with bipolar technology are available with LinCMOS
operational amplifiers without the power penalties of traditional bipolar devices. Remote and inaccessible
equipment applications are possible using the low-voltage and low-power capabilities of the TLC251C series.
In addition, by driving the bias-select input with a logic signal from a microprocessor, these operational amplifiers
can have software-controlled performance and power consumption. The TLC251C series is well suited to solve
the difficult problems associated with single battery and solar cell-powered applications.
The TLC251C series is characterized for operation from 0°C to 70°C.




Similar Part No. - TLC251ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251ACP TI-TLC251ACP Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251ACP TI1-TLC251ACP Datasheet
831Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC251ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271PS-M TI-TLC271PS-M Datasheet
1Mb / 83P
LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com