Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4IPW Datasheet (PDF) - Texas Instruments

TLC27L4IPW Datasheet PDF - Texas Instruments
Part # TLC27L4IPW
Download  TLC27L4IPW Download
File Size   733.87 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS

TLC27L4IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC27L4IPW Datasheet PDF - Texas Instruments

Part # TLC27L4IPW
Download  TLC27L4IPW Click to download

File Size   733.87 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS

TLC27L4IPW Datasheet (HTML) - Texas Instruments


TLC27L4IPW Product details

Trimmed Offset Voltage:
TLC27L9 . . . 900 mV Max at 25°C,
VDD = 5 V
Input Offset Voltage Drift . . . Typically
0.1 mV/Month, Including the First 30 Days
Wide Range of Supply Voltages Over
Specified Temperature Range:
0°C to 70°C . . . 3 V to 16 V
–40°C to 85°C . . . 4 V to 16 V
–55°C to 125°C . . . 4 V to 16 V
Single-Supply Operation
Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
Ultra-Low Power . . . Typically 195 mW
at 25°C, VDD = 5 V
Output Voltage Range includes Negative
Rail
High Input Impedance . . . 1012 W Typ
ESD-Protection Circuitry
Small-Outline Package Option Also
Available in Tape and Reel
Designed-In Latch-Up Immunity

description
The TLC27L4 and TLC27L9 quad operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input impedance, extremely low power, and high
gain.
These devices use Texas instruments silicon-gate
LinCMOSE technology, which provides offset
voltage stability far exceeding the stability
available with conventional metal-gate processes.
The extremely high input impedance, low bias
currents, and low-power consumption make
these cost-effective devices ideal for high-gain,
low- frequency, low-power applications. Four
offset voltage grades are available (C-suffix and
I-suffix types), ranging from the low-cost TLC27L4
(10 mV) to the high-precision TLC27L9 (900 mV).
These advantages, in combination with good
common-mode rejection and supply voltage
rejection, make these devices a good choice for
new state-of-the-art designs as well as for
upgrading existing designs.
In general, many features associated with bipolar technology are available on LinCMOSE operational
amplifiers, without the power penalties of bipolar technology. General applications such as transducer
interfacing, analog calculations, amplifier blocks, active filters, and signal buffering are easily designed with the
TLC27L4 and TLC27L9. The devices also exhibit low voltage single-supply operation and ultra-low power
consumption, making them ideally suited for remote and inaccessible battery-powered applications. The
common-mode input voltage range includes the negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand –100-mA surge currents without sustaining latch-up.
The TLC27L4 and TLC27L9 incorporate internal ESD-protection circuits that prevent functional failures at
voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in
handling these devices, as exposure to ESD may result in the degradation of the device parametric
performance.
The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized
for operation from –40°C to 85°C. The M-suffix devices are characterized for operation from –55°C to 125°C.




Similar Part No. - TLC27L4IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L4IPW TI1-TLC27L4IPW Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IPW TI-TLC27L4IPW Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IPWR TI1-TLC27L4IPWR Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IPWR TI-TLC27L4IPWR Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IPWRG4 TI1-TLC27L4IPWRG4 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC27L4IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC254 TI-TLC254 Datasheet
315Kb / 21P
LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com