Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC252CPW Datasheet (PDF) - Texas Instruments

TLC252CPW Datasheet PDF - Texas Instruments
Part # TLC252CPW
Download  TLC252CPW Download
File Size   460.8 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS DUAL OPERATIONAL AMPLIFIERS

TLC252CPW Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC252CPW Datasheet PDF - Texas Instruments

Part # TLC252CPW
Download  TLC252CPW Click to download

File Size   460.8 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS DUAL OPERATIONAL AMPLIFIERS

TLC252CPW Datasheet (HTML) - Texas Instruments


TLC252CPW Product details

A-Suffix Versions Offer 5-mV VIO
B-Suffix Versions Offer 2-mV VIO
Wide Range of Supply Voltages
1.4 V to 16 V
True Single-Supply Operation
Common-Mode Input Voltage Includes the
Negative Rail
Low Noise . . . 30 nV/√Hz Typ at f = 1 kHz
(High-Bias Versions)

description
The TLC252, TLC25L2, and TLC25M2 are
low-cost, low-power dual operational amplifiers
designed to operate with single or dual supplies.
These devices utilize the Texas Instruments
silicon gate LinCMOS process, giving them stable input offset voltages that are available in selected grades
of 2, 5, or 10 mV maximum, very high input impedances, and extremely low input offset and bias currents.
Because the input common-mode range extends to the negative rail and the power consumption is extremely
low, this series is ideally suited for battery-powered or energy-conserving applications. The series offers
operation down to a 1.4-V supply, is stable at unity gain, and has excellent noise characteristics.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.1. However, care should be exercised
in handling these devices as exposure to ESD may result in a degradation of the device parametric
performance.




Similar Part No. - TLC252CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC252CPW TI1-TLC252CPW Datasheet
894Kb / 26P
LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
TLC252CPWR TI1-TLC252CPWR Datasheet
894Kb / 26P
LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC252CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272 TI-TLC272 Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC252 TI1-TLC252_16 Datasheet
894Kb / 26P
LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com