Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMX62-1031 Datasheet (PDF) - Kionix, Inc.

KMX62-1031 Datasheet PDF - Kionix, Inc.
Part # KMX62-1031
Download  KMX62-1031 Download
File Size   2211.04 Kbytes
Page   70 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 1200uT Tri-axis Digital Magnetometer/ ± 2g/4g/8g/16g Tri-axis Digital Accelerometer Specifications

KMX62-1031 Datasheet (PDF)

Go To PDF Page Download Datasheet
KMX62-1031 Datasheet PDF - Kionix, Inc.

Part # KMX62-1031
Download  KMX62-1031 Click to download

File Size   2211.04 Kbytes
Page   70 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 1200uT Tri-axis Digital Magnetometer/ ± 2g/4g/8g/16g Tri-axis Digital Accelerometer Specifications

KMX62-1031 Datasheet (HTML) - Kionix, Inc.


KMX62-1031 Product details

Product Description
KMX62 is a 6 Degrees-of-Freedom inertial sensor system that
features 16-bit digital outputs accessed through I2C communication.
The KMX62 sensor consists of a tri-axial magnetometer plus a triaxial accelerometer coupled with an ASIC. It is packaged in a 3 x 3 x
0.9 mm Land Grid Array (LGA) package. The ASIC is realized in
standard 0.18µm CMOS technology and features flexible user
programmable ±2g / ±4g / ±8g / ±16g full scale range for the
accelerometer and ±1200µT full scale range for the magnetometer.
Accelerometer and Magnetometer data can be accumulated in an
internal 384-byte FIFO buffer and transmitted to the application
processor.
Acceleration sensing is based on the principle of a differential capacitance arising from accelerationinduced motion of the sense element, which utilizes common mode cancellation to decrease errors
from process variation, temperature, and environmental stress. Capacitance changes are amplified and
converted into digital signals which are processed by a dedicated digital signal processing unit. The
digital signal processor applies filtering, bias, and sensitivity adjustments, as well as temperature
compensation.
Magnetic sensing is based on the principle of magnetic impedance. The magnetic sensor detects very
small magnetic fields by passing an electric pulse through a special electron spin aligned amorphous
wire. Due to the high Curie temperature of the wire, the sensor’s thermal performance shows excellent
stability.
Noise performance is excellent with bias stability over temperature. Bias errors resulting from assembly
can be trimmed digitally by the user. These sensors can accept supply voltages between 1.7V and
3.6V, and digital communication voltages between 1.2V and 3.6V.




Similar Part No. - KMX62-1031

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMX ITT-KMX Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
KMX111G ITT-KMX111G Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
KMX113G ITT-KMX113G Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
KMX121G ITT-KMX121G Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
KMX123G ITT-KMX123G Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
More results


Similar Description - KMX62-1031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
짹 2g Tri-axis Digital Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
2g Tri-Axis Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTIA-1006 ETC2-KXTIA-1006 Datasheet
1Mb / 63P
Tri-axis Digital Accelerometer Specifications
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com