Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX003-1077 Datasheet (PDF) - Kionix, Inc.

KX003-1077 Datasheet PDF - Kionix, Inc.
Part # KX003-1077
Download  KX003-1077 Download
File Size   2392.81 Kbytes
Page   45 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications

KX003-1077 Datasheet (PDF)

Go To PDF Page Download Datasheet
KX003-1077 Datasheet PDF - Kionix, Inc.

Part # KX003-1077
Download  KX003-1077 Click to download

File Size   2392.81 Kbytes
Page   45 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications

KX003-1077 Datasheet (HTML) - Kionix, Inc.


KX003-1077 Product details

Product Description
The KX003-1077 is a tri-axis ±2g, ±4g, ±8g, or ±16g silicon
micromachined accelerometer. The sense element is fabricated using
Kionix’s proprietary plasma micromachining process technology.
Acceleration sensing is based on the principle of a differential
capacitance arising from acceleration-induced motion of the sense
element, which further utilizes common mode cancellation to decrease
errors from process variation, temperature, and environmental stress.
The sense element is hermetically sealed at the wafer level by bonding
a second silicon lid wafer to the device using a glass frit. A separate
ASIC device packaged with the sense element provides signal
conditioning and digital communications. The accelerometer is
delivered in a 2 x 2 x 0.9 mm LGA plastic package operating from a 1.71V – 3.6V DC supply. Voltage
regulators are used to maintain constant internal operating voltages over the range of input supply voltages.
This results in stable operating characteristics over the range of input supply voltages and virtually
undetectable ratiometric error. The I
2C digital protocol is used to communicate with the chip to configure
the part and monitor outputs.

Features
• Small footprint: 2 x 2 x 0.9 mm LGA 12-pin package
• Low current consumption: 0.9 µA in standby, 10 µA in Low Power, and 155 µA in High
Resolution modes
• Extended user-configurable g-ranges: ±2g, ±4g, ±8g, ±16g
• 8-bit, 12-bit, and 14-bit resolution modes
• Wide supply voltage range: 1.71V – 3.6V with internal voltage regulator
• High resolution Wake-Up function with threshold configurable down to 3.9 mg
• User-configurable Output Data Rates from 0.781Hz to 1600Hz
• I
2C digital communication interface up to 3.4MHz
• Highly configurable interrupt control
• Embedded Low Pass filter
• Improved design to virtually eliminate post reflow offset and sensitivity shifts
• Improved noise performance
• Stable performance over temperature
• High shock survivability
• Self-test function
• RoHS / REACH compliant




Similar Part No. - KX003-1077

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KX0107 ETC-KX0107 Datasheet
332Kb / 1P
GRUB SCREW FIXING
KX022-1020 ETC2-KX022-1020 Datasheet
2Mb / 75P
Accelerometer Specifications
logo
Rohm
KX022ACR-Z ROHM-KX022ACR-Z Datasheet
1Mb / 56P
Accelerometer IC
Rev.002
KX022ACR-ZE2 ROHM-KX022ACR-ZE2 Datasheet
1Mb / 56P
Accelerometer IC
Rev.002
logo
List of Unclassifed Man...
KX023-1025 ETC2-KX023-1025 Datasheet
2Mb / 75P
Accelerometer Specifications
More results


Similar Description - KX003-1077

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
List of Unclassifed Man...
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
짹 2g Tri-axis Digital Accelerometer Specifications
KXR94-1050 ETC2-KXR94-1050 Datasheet
320Kb / 13P
2g Tri-axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
2g Tri-Axis Accelerometer Specifications
KXTC9-2050 ETC2-KXTC9-2050 Datasheet
157Kb / 10P
2g Tri-axis Analog Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com