Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3374 Datasheet (PDF) - Adafruit Industries

3374 Datasheet PDF - Adafruit Industries
Part # 3374
Download  3374 Download
File Size   348.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description PiJack Ethernet HAT for Pi Zero

3374 Datasheet (PDF)

Go To PDF Page Download Datasheet
3374 Datasheet PDF - Adafruit Industries

Part # 3374
Download  3374 Click to download

File Size   348.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description PiJack Ethernet HAT for Pi Zero

3374 Datasheet (HTML) - Adafruit Industries


3374 Product details

o 10Mbps Ethernet connection
o Two blinky LEDs for connection status
o HAT‐standard‐compliant EEPROM makes setup automatic, works straight away with
Raspbian!
o Uses the Pi Zero's GPIO pins, your USB connector is still free for something else!




Similar Part No. - 3374

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3374 ETC-3374 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3374 HEYCO-3374 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Wiha Tools
33740 WIHA-33740 Datasheet
51Kb / 1P
Screwdriver with LiftUp 25 magnetic bit magazine
33741 WIHA-33741 Datasheet
51Kb / 1P
Screwdriver with LiftUp 25 magnetic bit magazine
logo
Motorola, Inc
33742 MOTOROLA-33742 Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results


Similar Description - 3374

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14037 SPARKFUN-DEV-14037 Datasheet
126Kb / 1P
Pimoroni Unicorn HAT
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
logo
New Jersey Semi-Conduct...
1N2076A NJSEMI-1N2076A Datasheet
83Kb / 1P
TOP HAT
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com