Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7135 Datasheet (PDF) - Texas Instruments

TLC7135 Datasheet PDF - Texas Instruments
Part # TLC7135
Download  TLC7135 Download
File Size   361.01 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS

TLC7135 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC7135 Datasheet PDF - Texas Instruments

Part # TLC7135
Download  TLC7135 Click to download

File Size   361.01 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS

TLC7135 Datasheet (HTML) - Texas Instruments


TLC7135 Product details

Zero Reading for 0-V Input
Precision Null Detection With True Polarity
at Zero
1-pA Typical Input Current
True Differential Input
Multiplexed Binary-Coded-Decimal (BCD)
Output
Low Rollover Error: ±1 Count Max
Control Signals Allow Interfacing With
UARTs or Microprocessors
Autoranging Capability With Over-and
Under-Range Signals
TTL-Compatible Outputs
Second Source to Teledyne TSC7135,
Intersil ICL7135, Maxim ICL7135, and
Siliconix Si7135
CMOS Technology

DESCRIPTION
The ICL7135C and TLC7135C converters are manufactured with Texas Instruments highly efficient CMOS
technology. These 4 1/2-digit, dual-slope-integrating, analog-to-digital converters (ADCs) are designed to
provide interfaces to both a microprocessor and a visual display. The digit-drive outputs D1 through D4 and
multiplexed binary-coded-decimal outputs B1, B2, B4, and B8 provide an interface for LED or LCD
decoder/drivers as well as microprocessors.
The ICL7135C and TLC7135C offer 50-ppm (one part in 20,000) resolution with a maximum linearity error of
one count. The zero error is less than 10 μV and zero drift is less than 0.5 μV/°C. Source-impedance errors are
minimized by low input current (less than 10 pA). Rollover error is limited to ±1 count.
The BUSY, STROBE, RUN/HOLD, OVER RANGE, and UNDER RANGE control signals support
microprocessor-based measurement systems. The control signals also can support remote data acquisition
systems with data transfer through universal asynchronous receiver transmitters (UARTs).
The ICL7135C and TLC7135C are characterized for operation from 0°C to 70°C.




Similar Part No. - TLC7135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7135 TI1-TLC7135 Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Shenzhen Haitian Microe...
TLC7135A HTCSEMI-TLC7135A Datasheet
169Kb / 12P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
Rev. 00
TLC7135ANZ HTCSEMI-TLC7135ANZ Datasheet
169Kb / 12P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
Rev. 00
TLC7135ARTZ HTCSEMI-TLC7135ARTZ Datasheet
169Kb / 12P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
Rev. 00
logo
Texas Instruments
TLC7135C TI1-TLC7135C Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - TLC7135

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com