Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141 Datasheet (PDF) - Texas Instruments

TLE2141 Datasheet PDF - Texas Instruments
Part # TLE2141
Download  TLE2141 Download
File Size   498.1 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS

TLE2141 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE2141 Datasheet PDF - Texas Instruments

Part # TLE2141
Download  TLE2141 Click to download

File Size   498.1 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS

TLE2141 Datasheet (HTML) - Texas Instruments


TLE2141 Product details

1FEATURES
2• Qualified for Automotive Applications
• Low Noise
– 10 Hz … 15 nV/√Hz
– 1 kHz … 10.5 nV/√Hz
• 10000-pF Load Capability
• 20-mA Min Short-Circuit Output Current
• 27-V/μs Slew Rate (Min)
• High Gain-Bandwidth Product … 5.9 MHz
• Low VIO … 500 μV (Max) at 25°C
• Single or Split Supply … 4 V to 44 V
• Fast Settling Time
– 340 ns to 0.1%
– 400 ns to 0.01%
• Saturation Recovery … 150 ns
• Large Output Swing …
VCC– + 0.1 V to VCC+ – 1 V

DESCRIPTION
The TLE2141-Q1 device is a high-performance, internally compensated operational amplifier built using the
Texas Instruments complementary bipolar Excalibur™ process. It is a pin-compatible upgrade to standard
industry products.
The design incorporates an input stage that simultaneously achieves low audio-band noise of 10.5 nV/√Hz with a
10-Hz 1/f corner and symmetrical 40-V/μs slew rate typically with loads up to 800 pF. The resulting low distortion
and high power bandwidth are important in high-fidelity audio applications. A fast settling time of 340 ns to 0.1%
of a 10-V step with a 2-kΩ/100-pF load is useful in fast actuator/positioning drivers. Under similar test conditions,
settling time to 0.01% is 400 ns.
The device is stable with capacitive loads up to 10 nF, although the 6-MHz bandwidth decreases to 1.8 MHz at
this high loading level. As such, the TLE2141-Q1 is useful for low-droop sample-and-holds and direct buffering of
long cables, including 4-mA to 20-mA current loops.
The special design also exhibits an improved insensitivity to inherent integrated circuit component mismatches as
is evidenced by a 500-μV maximum offset voltage and 1.7-μV/°C typical drift. Minimum common-mode rejection
ratio and supply-voltage rejection ratio are 85 dB and 90 dB, respectively.
Device performance is relatively independent of supply voltage over the ±2-V to ±22-V range. Inputs can operate
between VCC– – 0.3 V to VCC+ – 1.8 V without inducing phase reversal, although excessive input current may flow
out of each input exceeding the lower common-mode input range. The all-npn output stage provides a nearly
rail-to-rail output swing of VCC– – 0.1 V to VCC+ – 1 V under light current-loading conditions. The device can
sustain shorts to either supply since output current is internally limited, but care must be taken to ensure that
maximum package power dissipation is not exceeded.
The TLE2141-Q1 device can also be used as a comparator. Differential inputs of VCC± can be maintained without
damage to the device. Open-loop propagation delay with TTL supply levels is typically 200 ns. This gives a good
indication as to output stage saturation recovery when the device is driven beyond the limits of recommended
output swing.
The TLE2141-Q1 device is available in industry-standard 8-pin package. The device is characterized for
operation from –40°C to 125°C.




Similar Part No. - TLE2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2141 TI-TLE2141 Datasheet
781Kb / 29P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results


Similar Description - TLE2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com