Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7225I Datasheet (PDF) - Texas Instruments

TLC7225I Datasheet PDF - Texas Instruments
Part # TLC7225I
Download  TLC7225I Download
File Size   446.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLC7225I Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC7225I Datasheet PDF - Texas Instruments

Part # TLC7225I
Download  TLC7225I Click to download

File Size   446.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLC7225I Datasheet (HTML) - Texas Instruments


TLC7225I Product details

Four 8-Bit D/A Converters With Individual
References
Direct Bipolar Operation Without an
External Level-Shift Amplifier
Microprocessor Compatible
TTL/CMOS Compatible
Single Supply Operation Possible
Simultaneous Update Facility
Binary Input Coding

applications
Process Control
Automatic Test Equipment
Automatic Calibration of Large System
Parameters e.g., Gain/Offset

description
The TLC7225 consists of four 8-bit voltage-output digital-to-analog converters (DACs), with output buffer
amplifiers and interface logic with double register-buffering.
Separate on-chip latches are provided for each of the DACs. Data is transferred into one of these data latches
through a common 8-bit TTL/CMOS-compatible (5 V) input port. Control inputs A0 and A1 determine which DAC
is loaded when WR goes low. Only the data held in the DAC registers determines the analog outputs of the
converters. The double register buffering allows simultaneous update of all four outputs under control of LDAC.
All logic inputs are TTL- and CMOS-level compatible and the control logic is speed compatible with most 8-bit
microprocessors. Each DAC includes an output buffer amplifier capable of driving up to 5 mA of output current.
The TLC7225 performance is specified for input reference voltages from 2 V to VDD – 4 V with dual supplies.
The voltage-mode configuration of the DACs allow the TLC7225 to be operated from a single power-supply rail
at a reference of 10 V.
The TLC7225 is fabricated in a LinBiCMOS process that has been specifically developed to allow high-speed
digital logic circuits and precision analog circuits to be integrated on the same chip. The TLC7225 has a common
8-bit data bus with individual DAC latches. This provides a versatile control architecture for simple interface to
microprocessors. All latch-enable signals are level triggered.
Combining four DACs, four operational amplifiers, and interface logic into a small, 0.3-inch wide, 24-terminal
SOIC allows significant reduction in board space requirements and offers increased reliability in systems using
multiple converters. The pinout optimizes board layout with all of the analog inputs and outputs at one end of
the package and all of the digital inputs at the other.
The TLC7225C is characterized for operation from 0°C to 70°C. The TLC7225I is characterized for operation
from –25°C to 85°C.




Similar Part No. - TLC7225I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7225I TI-TLC7225I Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225IDW TI-TLC7225IDW Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225IDW TI1-TLC7225IDW Datasheet
337Kb / 22P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225IDWG4 TI-TLC7225IDWG4 Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225IDWG4 TI1-TLC7225IDWG4 Datasheet
337Kb / 22P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Similar Description - TLC7225I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com