Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV990-13 Datasheet (PDF) - Texas Instruments

TLV990-13 Datasheet PDF - Texas Instruments
Part # TLV990-13
Download  TLV990-13 Download
File Size   367.03 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END

TLV990-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV990-13 Datasheet PDF - Texas Instruments

Part # TLV990-13
Download  TLV990-13 Click to download

File Size   367.03 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END

TLV990-13 Datasheet (HTML) - Texas Instruments


TLV990-13 Product details

features
Single-Chip CCD Analog Front-End
10-Bit, 13-MSPS, Single 3-V Supply
Operation A/D Converter
Very Low Power: 150-mW Typical, 2-mW
Power-Down Mode
Differential Nonlinearity Error:
< ±0.5 LSB Typical
Integral Nonlinearity Error:
< ±0.9 LSB Typical
Programmable Gain Amplifier (PGA) With
0-dB to 36-dB Gain Range (0.045 dB/Step)
Automatic or Programmable Optical Black
Level and Offset Calibration With Digital
Filter and Bad Pixel Limits
Additional DACs for External Analog
Setting
Serial Interface for Register Configuration
Internal-Reference Voltages
48-Pin TQFP Package

application
Digital Still Camera
PC Camera

description
The TLV990-13 is a complete CCD signal
processor/digitizer designed for digital still
camera and PC camera applications. The
TLV990-13 performs all the analog-processing
functions necessary to maximize the dynamic range, corrects various errors associated with the CCD sensor,
and then digitizes the results with an on-chip high-speed analog-to-digital converter (ADC).
The key components of the TLV990-13 include: an input clamp circuit for CCD signal, a correlated double
sampler (CDS), a programmable-gain amplifier (PGA) with 0 to 36-dB gain range, two internal digital-to-analog
converters (DAC) for automatic or programmable optical black level and offset calibration, a 10-bit, 13-MSPS
pipeline ADC, a parallel data port for easy microprocessor interface, a serial port for configuring internal control
registers, two additional DACs for external system control, and internal reference voltages.
Designed in advanced CMOS process, the TLV990-13 operates from a single 3-V power supply with a normal
power consumption of 150 mW at 13 MSPS and 2 mW in power-down mode.
Its single 3-V operation, very low-power consumption, and fully-integrated analog-processing circuitry make the
TLV990-13 an ideal CCD signal-processing solution for digital still cameras and PC camera applications.
This device is available in a 48-pin TQFP package and is specified over a –20°C to 75°C operating-temperature
range.




Similar Part No. - TLV990-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13PFB TI-TLV990-13PFB Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13PFB TI1-TLV990-13PFB Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13PFBG4 TI1-TLV990-13PFBG4 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
More results


Similar Description - TLV990-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV986 TI-TLV986 Datasheet
266Kb / 20P
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com