Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRM-HP Datasheet (PDF) - TT Electronics.

WRM-HP Datasheet PDF - TT Electronics.
Part # WRM-HP
Download  WRM-HP Download
File Size   803.11 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Power MELF Resistors

WRM-HP Datasheet (PDF)

Go To PDF Page Download Datasheet
WRM-HP Datasheet PDF - TT Electronics.

Part # WRM-HP
Download  WRM-HP Click to download

File Size   803.11 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Power MELF Resistors

WRM-HP Datasheet (HTML) - TT Electronics.


WRM-HP Product details

Features:
• AEC-Q200 qualified
• High power up to 1W
• Tolerance down to 0.1%
• TCR down to 15ppm/°C
• High pulse handling capability




Similar Part No. - WRM-HP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WRM-HV TTELEC-WRM-HV Datasheet
421Kb / 2P
High Voltage MELF Resistors
01.25
More results


Similar Description - WRM-HP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RFM73100RDC2T TOKEN-RFM73100RDC2T Datasheet
318Kb / 3P
RFM High Frequency MELF Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
High Pulse Load MELF Resistors
01-Mar-10
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
MELF Resistors
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA0204HT VISHAY-MMA0204HT Datasheet
148Kb / 10P
Professional High Temperature MELF Resistors
08-Jul-15
logo
WALSIN TECHNOLOGY CORPO...
WMXXP_Q WALSIN-WMXXP_Q Datasheet
2Mb / 12P
High Precision Power Thin Film MELF Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com