Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614CPWR Datasheet (PDF) - Texas Instruments

TLV5614CPWR Datasheet PDF - Texas Instruments
Part # TLV5614CPWR
Download  TLV5614CPWR Download
File Size   687.21 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN

TLV5614CPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5614CPWR Datasheet PDF - Texas Instruments

Part # TLV5614CPWR
Download  TLV5614CPWR Click to download

File Size   687.21 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN

TLV5614CPWR Datasheet (HTML) - Texas Instruments


TLV5614CPWR Product details

Four 12-Bit D/A Converters
Programmable Settling Time of Either 3 μs
or 9 μs Typ
TMS320, (Q)SPI, and Microwire
Compatible Serial Interface
Internal Power-On Reset
Low Power Consumption:
8 mW, Slow Mode – 5-V Supply
3.6 mW, Slow Mode – 3-V Supply
Reference Input Buffer
Voltage Output Range . . . 2× the Reference
Input Voltage
Monotonic Over Temperature
Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
Hardware Power Down (10 nA)
Software Power Down (10 nA)
Simultaneous Update

applications
Battery Powered Test Instruments
Digital Offset and Gain Adjustment
Industrial Process Controls
Machine and Motion Control Devices
Communications
Arbitrary Waveform Generation

description
The TLV5614 is a quadruple 12-bit voltage output
digital-to-analog converter (DAC) with a flexible
4-wire serial interface. The 4-wire serial interface
allows glueless interface to TMS320, SPI, QSPI,
and Microwire serial ports. The TLV5614 is
programmed with a 16-bit serial word comprised
of a DAC address, individual DAC control bits, and
a 12-bit DAC value. The device has provision for
two supplies: one digital supply for the serial
interface (via pins DVDD and DGND), and one for
the DACs, reference buffers, and output buffers (via pins AVDD and AGND). Each supply is independent of the
other, and can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical application where the
DAC is controlled via a microprocessor operating on a 3 V supply (also used on pins DVDD and DGND), with
the DACs operating on a 5 V supply. Of course, the digital and analog supplies can be tied together.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down mode
makes it ideal for single voltage, battery based applications. The settling time of the DAC is programmable to
allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage then DACs C and D.
The TLV5614 is implemented with a CMOS process and is available in a 16-terminal SOIC package. The
TLV5614C is characterized for operation from 0°C to 70°C. The TLV5614I is characterized for operation from
–40°C to 85°C.




Similar Part No. - TLV5614CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5614CPWR TI-TLV5614CPWR Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614CPWRG4 TI-TLV5614CPWRG4 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Similar Description - TLV5614CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604 TI-TLV5604_15 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com