Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5627 Datasheet (PDF) - Texas Instruments

TLV5627 Datasheet PDF - Texas Instruments
Part # TLV5627
Download  TLV5627 Download
File Size   401.83 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN

TLV5627 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5627 Datasheet PDF - Texas Instruments

Part # TLV5627
Download  TLV5627 Click to download

File Size   401.83 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN

TLV5627 Datasheet (HTML) - Texas Instruments


TLV5627 Product details

Four 8-Bit D/A Converters
Programmable Settling Time
of 2.5 μs or 8.5 μs Typ
TMS320, (Q)SPI, and Microwire
Compatible Serial Interface
Low Power Consumption:
7 mW, Slow Mode − 5-V Supply
3 mW, Slow Mode − 3-V Supply
Reference Input Buffers
Monotonic Over Temperature
Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
Hardware Power Down
Software Power Down
Simultaneous Update

applications
Battery Powered Test Instruments
Digital Offset and Gain Adjustment
Industrial Process Controls
Machine and Motion Control Devices
Arbitrary Waveform Generation

description
The TLV5627 is a four channel, 8-bit voltage
output digital-to-analog converter (DAC) with a
flexible 4-wire serial interface. The 4-wire serial
interface allows glueless interface to TMS320,
SPI, QSPI, and Microwire serial ports. The
TLV5627 is programmed with a 16-bit serial word
comprised of a DAC address, individual DAC
control bits, and an 8-bit DAC value.
The device has provision for two supplies: one
digital supply for the serial interface (via pins
DVDD and DGND), and one for the DACs,
reference buffers and output buffers (via pins AVDD and AGND). Each supply is independent of the other, and
can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical application where the DAC will be
controlled via a microprocessor operating on a 3-V supply (also used on pins DVDD and DGND), with the DACs
operating on a 5-V supply. The digital and analog supplies can be tied together.
The resistor string output voltage is buffered by an x2 gain rail-to-rail output buffer. The buffer features a
Class AB output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down
mode make it ideal for single voltage, battery based applications. The settling time of the DAC is programmable
to allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage than DACs C and D.
The device, implemented with a CMOS process, is available in 16-terminal SOIC and TSSOP packages. The
TLV5627C is characterized for operation from 0°C to 70°C. The TLV5627I is characterized for operation from
−40°C to 85°C.




Similar Part No. - TLV5627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5627 TI-TLV5627 Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627CD TI-TLV5627CD Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627CD TI1-TLV5627CD Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627CDG4 TI1-TLV5627CDG4 Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
More results


Similar Description - TLV5627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com