Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372/4 Datasheet (PDF) - Texas Instruments

TLC372/4 Datasheet PDF - Texas Instruments
Part # TLC372/4
Download  TLC372/4 Download
File Size   720.61 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS

TLC372/4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC372/4 Datasheet PDF - Texas Instruments

Part # TLC372/4
Download  TLC372/4 Click to download

File Size   720.61 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS

TLC372/4 Datasheet (HTML) - Texas Instruments


TLC372/4 Product details

FEATURES
Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Low Supply Current . . . 560 nA/Per Channel
Input Common-Mode Range Exceeds the
Rails . . . −0.1 V to VCC + 5 V
Supply Voltage Range . . . 2.7 V to 16 V
Reverse Battery Protection Up to 18 V
Push-Pull CMOS Output Stage
Specified Temperature Range
− −40°C to 125°C − Automotive Grade
Ultrasmall Packaging
− 5-Pin SOT-23 (TLV3701)
Universal Op-Amp EVM (Reference SLOU060
for more information)

APPLICATIONS
Low Power Automotive Electronics
Security Detection Systems

DESCRIPTION
The TLV370x is Texas Instruments’ first family of
nanopower comparators with only 560 nA per channel
supply current, which make this device ideal for low
power applications.




Similar Part No. - TLC372/4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372/4 TI-TLC372/4 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLC372/4 TI1-TLC372/4 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLC372/4 TI2-TLC372/4 Datasheet
822Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
JUNE 2003
More results


Similar Description - TLC372/4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com