Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372/4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC372/4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC372/4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC372/4 Datasheet HTML 1Page - Texas Instruments TLC372/4 Datasheet HTML 2Page - Texas Instruments TLC372/4 Datasheet HTML 3Page - Texas Instruments TLC372/4 Datasheet HTML 4Page - Texas Instruments TLC372/4 Datasheet HTML 5Page - Texas Instruments TLC372/4 Datasheet HTML 6Page - Texas Instruments TLC372/4 Datasheet HTML 7Page - Texas Instruments TLC372/4 Datasheet HTML 8Page - Texas Instruments TLC372/4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
5
www.ti.com
electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Supply current (per channel)
Output state high
25
°C
560
800
nA
ICC
Supply current (per channel)
Output state high
Full range
1200
nA
V
27Vto5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC = 2.7 V to 5 V
Full range
70
dB
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
No load
VCC =5Vto15V
25
°C
85
105
dB
VCC = 5 V to 15 V
Full range
80
† Full range is − 40
°C to 125°C for Q suffix.
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pti
ti
l
t hi h l
l
Overdrive = 2 mV
240
t(PLH)
Propagation response time, low-to-high-level
output (see Note 3)
f = 1 kHz,
Overdrive = 10 mV
64
150†
t(PLH)
output (see Note 3)
f
1 kHz,
VSTEP = 100 mV,
C
10 pF
Overdrive = 50 mV
36
s
Pti
ti
hi h t l
l
l
CL = 10 pF,
VCC = 2.7 V,
Overdrive = 2 mV
167
µs
t(PHL)
Propagation response time, high-to-low-level
output (see Note 3)
VCC = 2.7 V,
VIC = VCC/2
Overdrive = 10 mV
67
150†
t(PHL)
output (see Note 3)
VIC
VCC/2
Overdrive = 50 mV
37
tr
Rise time
CL = 10 pF,
VCC = 2.7 V
7
µs
tf
Fall time
CL = 10 pF,
VCC = 2.7 V
9
µs
NOTE 3: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Propagation
responses are longer at higher supply voltages, refer to Figures 11−16 for further details.
† This limit applies to the TLV3701-Q1 only.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias/offset current
vs Free-air temperature
1
VOL
Low-level output voltage
vs Low-level output current
2, 4, 6
VOH
High-level output voltage
vs High-level output current
3, 5, 7
I
Supply current
vs Supply voltage
8
ICC
Supply current
vs Free-air temperature
9
Output fall time/rise time
vs Supply voltage
10
Low-to-high level output response for various input overdrives
11, 13, 15
High-to-low level output response for various input overdrives
12, 14, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com