Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1460000 Datasheet (PDF) - Theben AG

1460000 Datasheet PDF - Theben AG
Part # 1460000
Download  1460000 Download
File Size   330.04 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Time and light control Hour counters

1460000 Datasheet (PDF)

Go To PDF Page Download Datasheet
1460000 Datasheet PDF - Theben AG

Part # 1460000
Download  1460000 Click to download

File Size   330.04 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Time and light control Hour counters

1460000 Datasheet (HTML) - Theben AG


1460000 Product details

Description
- Digital hour counter
- Installation cutout 22 mm x 45 mm
- With EEPROM memory provides reliable operating data capture even
with loss of power
- Control panel installation
- 7-digit high-contrast LCD display
- Screw terminals
- Onscreen progress display
- Tension clamp brackets for walls up to 5mm thick
- Quartz controlled version




Similar Part No. - 1460000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460019 PHOENIX-1460019 Datasheet
55Kb / 3P
Housing - HC-B 06-TFL-H-O1M25S
1460020 PHOENIX-1460020 Datasheet
46Kb / 2P
Housing - HC-B 06-TFL-H-O1M32S
1460021 PHOENIX-1460021 Datasheet
62Kb / 3P
Housing - HC-B 6-TFL-H-O1PG21G
1460022 PHOENIX-1460022 Datasheet
51Kb / 3P
Housing - HC-B 6-TFL-H-O1PG21S
1460023 PHOENIX-1460023 Datasheet
51Kb / 3P
Housing - HC-B 6-TFL-H-O1PG29G
More results


Similar Description - 1460000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7HP OMRON-H7HP Datasheet
596Kb / 9P
Compact Total Counters and Time Counters with Easy-to-read Displays and IP66G/ NEMA4 Water and Oil Resistance
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
Advanced light control and diagnostics using
17-Sep-2013
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC1R MSPI-ZT028LAIC1R Datasheet
117Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1Y MSPI-ZT028LDIC1Y Datasheet
135Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3G MSPI-ZT028LDIC3G Datasheet
135Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
Shenzhen Luguang Electr...
LGEKT120B LUGUANG-LGEKT120B Datasheet
1Mb / 4P
DC motor control, temperature control and light control system
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com